Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3565RT-E/SFX Datasheet(PDF) 84 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 84 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 80Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 81Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 82Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 83Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 84Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 85Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 86Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 87Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 108 page
background image
MCP3565R
DS20006401C-page 84
2020-2021 Microchip Technology Inc.
FIGURE 7-7:
Separation of Analog and
Digital Circuits on the Layout (Shown on the
UQFN Package).
When remote sensors are used to reduce the sensitivity
to external influences, such as EMI, the wires that
connect the sensor to the ADC should form a twisted
pair. Ferrite beads can be used between the digital and
analog ground planes to keep high-frequency noise
from entering the device. A low-resistance ferrite bead
is recommended.
7.4
SPI Interface Digital Crosstalk
The MCP3565R device incorporates a high-speed
20 MHz SPI digital interface. This interface can induce
crosstalk, especially with the outer channels closer to
the SPI digital pins (for example, CH7), if it is run at full
speed without any precautions. The crosstalk is caused
by the switching noise created by the digital SPI
signals. This crosstalk would negatively impact the
SNR in this case. The noise is attenuated if proper
separation between the analog and the digital power
supplies is put in place (see
Sections 7.3 “Power
Supply Design and Bypassing”).
In order to further remove the influence of the SPI
communication on measurement accuracy, it is recom-
mended to add series resistors on the SPI lines to
reduce the current spikes caused by the digital switch-
ing noise (see Figure 7-1 where these resistors have
been implemented). The resistors also help to keep the
level of electromagnetic emissions low.
The switching noise is also a linear function of the
DVDD supply voltage. In order to further reduce the
influence of the switching noise caused by SPI trans-
missions, the DVDD digital power supply voltage should
be kept at as a low value as possible.
The measurement graphs provided in this MCP3565R
data sheet have been performed with 10 series resis-
tors connected on each SPI I/O pin. Measurement
accuracy disturbances have not been observed, even
at 20 MHz interfacing.
EP
13
1
2
3
456
7
8
9
11
10
12
AGND
REFIN‐
REFIN+
SDO
SDI
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com