Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25QC200GLTMTH Datasheet(PDF) 24 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 24 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 28Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
24
Fast Read (0BH)
The Fast Read instruction is similar to the Read Data instruction except that it can operate at the highest
possible frequency of fC (see AC Electrical Characteristics). In standard SPI mode, this is accomplished by
adding eight “dummy” clocks after the 24-bit address as shown in Figure 9. The dummy clocks allow the
devices internal circuits additional time for setting up the initial address. During the dummy clocks the data
value on the SO pin is a “don’t care”.
Fast Read Dual Output (3Bh)
The Fast Read Dual Output (3Bh) instruction is similar to the standard Fast Read (0Bh) instruction except
that data is output on two pins; SI and SO. This allows data to be transferred at twice the rate of standard
SPI devices. The Fast Read Dual Output instruction is ideal for quickly downloading code from Flash to
RAM upon power-up or for applications that cache code-segments to RAM for execution.
Similar to the Fast Read instruction, the Fast Read Dual Output instruction can operate at the highest
possible frequency of fC (see AC Electrical Characteristics). This is accomplished by adding eight “dummy”
clocks after the 24-bit address as shown in Figure 10. The dummy clocks allow the device's internal circuits
additional time for setting up the initial address. The input data during the dummy clocks is “don’t care”.
However, the SI pin should be high-impedance prior to the falling edge of the first data out clock.
Figure 9. Fast Read Instruction
Figure10. Fast Read Dual Output Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com