Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25QC200GLTMTH Datasheet(PDF) 38 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 38 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 42Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
38
Page Erase (81h/DBh)
The Page Erase (PE) instruction is for erasing the data of the chosen Page to be "1". A Write Enable
(WREN) instruction must execute to set the Write Enable Latch (WEL) bit before sending the Page Erase
(PE). To perform a Page Erase with the standard page size (256 bytes), an instruction code of 81h or DBh
must be clocked into the device followed by three address bytes comprised of 2 page address bytes that
specify the page in the main memory to be erased. And A7-A0 is an unrelated item.
The sequence of issuing PE instruction is: /CS goes low → sending PE instruction code→ 3-byte address
on SI → /CS goes high.
Sector Erase (20h)
The Sector Erase instruction sets all memory within a specified sector (4K-bytes) to the erased state of all
1s (FFh). A Write Enable instruction must be executed before the device will accept the Sector Erase
Instruction (Status Register bit WEL must equal 1). The instruction is initiated by driving the /CS pin low and
shifting the instruction code “20h” followed a 24-bit sector address. And the address A11-A0 is an unrelated
item and has no effect on the result of the instruction. The Sector Erase instruction sequence is shown in
Figure29.
The /CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not done the
Sector Erase instruction will not be executed. After /CS is driven high, the self-timed Sector Erase
instruction will commence for a time duration of tSE (See AC Characteristics). While the Sector Erase cycle
is in progress, the Read Status Register instruction may still be accessed for checking the status of the WIP
bit. The WIP bit is a 1 during the Sector Erase cycle and becomes a 0 when the cycle is finished and the
device is ready to accept other instructions again. After the Sector Erase cycle has finished the Write
Enable Latch (WEL) bit in the Status Register is cleared to 0. The Sector Erase instruction will not be
executed if the addressed page is protected by the Block Protect (BP4, BP3, BP2, BP1, and BP0) bits.
Figure28. Page Erase Instruction
Figure29. Sector Erase Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com