Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25QC200GLTMTH Datasheet(PDF) 34 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 34 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 38Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
34
Read JEDEC ID (9Fh)
The Read JEDEC ID instruction can operate at the highest possible frequency of fC (see AC Electrical
Characteristics). For compatibility reasons, the ACE25QC200GL provides several instructions to
electronically determine the identity of the device. The Read JEDEC ID instruction is compatible with the
JEDEC standard for SPI compatible serial memories that was adopted in 2003. The instruction is initiated
by driving the /CS pin low and shifting the instruction code “9Fh”. The JEDEC assigned Manufacturer ID
byte for (68h) and two Device ID bytes, Memory Type (ID15-ID8) and Capacity (ID7-ID0) are then shifted
out on the falling edge of SCLK with most significant bit (MSB) first as shown in Figure23. For memory type
and capacity values refer to Manufacturer and Device Identification table.
Read Unique ID Number (4Bh)
The Read Unique ID Number instruction can operate at the highest possible frequency of fC (see AC
Electrical Characteristics).The Read Unique ID Number instruction accesses a factory-set read-only
128-bit number that is unique to each ACE25QC200GL device. The ID number can be used in conjunction
with user software methods to help prevent copying or cloning of a system. The Read Unique ID instruction
is initiated by driving the /CS pin low and shifting the instruction code “4Bh” followed by a four bytes of
dummy clocks. After which, the 128-bit ID is shifted out on the falling edge of SCLK as shown in Figure24.
Figure23. Read JEDEC ID Instruction
Figure24. Read Unique ID Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com