Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25QC200GLTMTH Datasheet(PDF) 56 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 56 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 52Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 53Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 54Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 55Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 56Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 57Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 58Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 59Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 60Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
56
DC Electrical Characteristics
Symbol
Parameter
Condition
Min.
Typ
Max.
Unit.
CIN
(1)
Input Capacitance
VIN = 0V
(1)
6
pF
Cout
(1)
Output Capacitance
VOUT = 0V
(1)
8
pF
ILI
Input Leakage Current
All inputs at CMOS level
±2
µA
ILO
Output Leakage Current
All inputs at CMOS level
±2
µA
ICC1
Standby Current
/CS=VCC, VIN=VCC or
VSS
9
µA
ICC2
Power-Down Current
/CS=VCC, VIN=VCC or
VSS
0.8
1.0
µA
ICC3
Normal read current (03h)
F=1MHz;IOUT=0mA
0.5
1.0
mA
F=33MHz;IOUT=0mA
1.0
2.0
mA
ICC4
Read Current(0Bh)
F=50MHz;IOUT=0mA
1.0
2.0
mA
F=85MHz;IOUT=0mA
1.0
2.0
mA
ICC5
Program Current
/CS=VCC WIP=1
1.5
3.0
mA
ICC6
Erase Current
/CS=VCC WIP=1
1.5
3.0
mA
VIL
Input Low Voltage
VCC*0.2
V
VIH
Input High Voltage
VCC*0.8
V
VOL
Output Low Voltage
IOL =100µA
0.2
V
VOH
Output High Voltage
IOH =-100µA
VCC-0.2
V
Notes: Tested on sample basis and specified through design and characterization data. TA = 25° C, VCC = 1.8V.
AC Measurement Conditions
Symbol
Parameter
Min
Tpy
Max
Unit
Cin
Input Capacitance
6
pF
Cout
Output Capacitance
6
pF
CL
Load Capacitance
30
pF
TR, TF
Input Rise And Fall time
5
ns
VIN
Input Pause Voltage
0.2VCC to 0.8VCC
V
IN
Input Timing Reference Voltage
0.5VCC
V
OUT
Output Timing Reference Voltage
0.5VCC
V
Figure41.
AC Measurement I/O Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com