Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020EC Datasheet(PDF) 65 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 65 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 61Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 62Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 63Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 64Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 65Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 66Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 67Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 68Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 69Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Interrupt Controller
Z8 Encore! XP® F08xA Series
Product Specification
47
Table 31. Trap and Interrupt Vectors in Order of Priority
Priority
Program Memory
Vector Address
Interrupt or Trap Source
Highest
0002H
Reset (not an interrupt)
0004H
Watch-Dog Timer (see Watch-Dog Timer chapter)
003AH
Primary Oscillator Fail Trap (not an interrupt)
003CH
Watchdog Oscillator Fail Trap (not an interrupt)
0006H
Illegal Instruction Trap (not an interrupt)
0008H
Reserved
000AH
Timer 1
000CH
Timer 0
000EH
UART 0 receiver
0010H
UART 0 transmitter
0012H
Reserved
0014H
Reserved
0016H
ADC
0018H
Port A7, selectable rising or falling input edge
001AH
Port A6, selectable rising or falling input edge or Comparator Output
001CH
Port A5, selectable rising or falling input edge
001EH
Port A4, selectable rising or falling input edge
0020H
Port A3 or Port D3, selectable rising or falling input edge
0022H
Port A2 or Port D2, selectable rising or falling input edge
0024H
Port A1, selectable rising or falling input edge
0026H
Port A0, selectable rising or falling input edge
0028H
Reserved
002AH
Reserved
002CH
Reserved
002EH
Reserved
0030H
Port C3, both input edges
0032H
Port C2, both input edges
0034H
Port C1, both input edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com