Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020EC Datasheet(PDF) 61 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 61 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 57Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 58Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 59Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 60Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 61Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 62Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 63Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 64Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 65Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
General-Purpose I/O
Z8 Encore! XP® F08xA Series
Product Specification
43
PAFS2[7:0]—Port Alternate Function Set 2
0 = Port Alternate Function selected as defined in Table 13 GPIO Alternate Functions sec-
tion.
1 = Port Alternate Function selected as defined in Table 13 GPIO Alternate Functions sec-
tion.
Port A–C Input Data Registers
Reading from the Port A–C Input Data registers (Table 26) returns the sampled values
from the corresponding port pins. The Port A–C Input Data registers are read-only. The
value returned for any unused ports is 0. Unused ports include those missing on the 8- and
28-pin packages, as well as those missing on the ADC-enabled 28-pin packages.
PIN[7:0]—Port Input Data
Sampled data from the corresponding port pin input.
0 = Input data is logical 0 (Low).
1 = Input data is logical 1 (High).
Port A–D Output Data Register
The Port A–D Output Data register (Table 27) controls the output data to the pins.
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
If 08H in Port A–D Address Register, accessible through the Port A–D Control Register
Table 26. Port A–C Input Data Registers (PxIN)
BITS
7
6
5
4
3
2
1
0
FIELD
PIN7
PIN6
PIN5
PIN4
PIN3
PIN2
PIN1
PIN0
RESET
XX
XX
XXX
X
R/W
R
R
R
RRR
RR
ADDR
FD2H, FD6H, FDAH
Table 27. Port A–D Output Data Register (PxOUT)
BITS
7
6
5
4
3
2
1
0
FIELD
POUT7
POUT6
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
RESET
0
000
00
00
Table 25. Port A–D Alternate Function Set 2 Sub-Registers (PxAFS2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com