Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020EC Datasheet(PDF) 56 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 56 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 52Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 53Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 54Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 55Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 56Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 57Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 58Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 59Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 60Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
General-Purpose I/O
Z8 Encore! XP® F08xA Series
Product Specification
38
PADDR[7:0]—Port Address
The Port Address selects one of the sub-registers accessible through the Port Control reg-
ister.
Port A–D Control Registers
The Port A–D Control registers set the GPIO port operation. The value in the correspond-
ing Port A–D Address register determines which sub-register is read from or written to by
a Port A–D Control register transaction (Table 17).
PCTL[7:0]—Port Control
The Port Control register provides access to all sub-registers that configure the GPIO Port
operation.
Port A–D Data Direction Sub-Registers
The Port A–D Data Direction sub-register is accessed through the Port A–D Control regis-
ter by writing 01H to the Port A–D Address register (Table 18).
PADDR[7:0]
Port Control sub-register accessible using the Port A–D Control Registers
00H
No function. Provides some protection against accidental Port reconfiguration.
01H
Data Direction
02H
Alternate Function
03H
Output Control (Open-Drain)
04H
High Drive Enable
05H
STOP Mode Recovery Source Enable.
06H
Pull-up Enable
07H
Alternate Function Set 1
08H
Alternate Function Set 2
09H–FFH
No function
Table 17. Port A–D Control Registers (PxCTL)
BITS
7
6
5
4
3
2
1
0
FIELD
PCTL
RESET
00H
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FD1H, FD5H, FD9H, FDDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com