Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020EC Datasheet(PDF) 54 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 54 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 50Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 51Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 52Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 53Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 54Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 55Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 56Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 57Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 58Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
General-Purpose I/O
Z8 Encore! XP® F08xA Series
Product Specification
36
GPIO Interrupts
Many of the GPIO port pins can be used as interrupt sources. Some port pins can be con-
figured to generate an interrupt request on either the rising edge or falling edge of the pin
input signal. Other port pin interrupt sources generate an interrupt when any edge occurs
(both rising and falling). Refer to the chapter “Interrupt Controller” on page 46 for more
information about interrupts using the GPIO pins.
Port C
PC0
Reserved
AFS1[0]: 0
ANA4/CINP/LED
Drive
ADC or Comparator Input, or LED drive
AFS1[0]: 1
PC1
Reserved
AFS1[1]: 0
ANA5/CINN/ LED
Drive
ADC or Comparator Input, or LED drive
AFS1[1]: 1
PC2
Reserved
AFS1[2]: 0
ANA6/LED
ADC Analog Input or LED Drive
AFS1[2]: 1
PC3
COUT
Comparator Output
AFS1[3]: 0
LED
LED drive
AFS1[3]: 1
PC4
Reserved
AFS1[4]: 0
LED
LED Drive
AFS1[4]: 1
PC5
Reserved
AFS1[5]: 0
LED
LED Drive
AFS1[5]: 1
PC6
Reserved
AFS1[6]: 0
LED
LED Drive
AFS1[6]: 1
PC7
Reserved
AFS1[7]: 0
LED
LED Drive
AFS1[7]: 1
Note: Because there are at most two choices of alternate function for any pin of Port C, the Alternate
Function Set register AFS2 is implemented but not used to select the function. Also, alternate
function selection as described in “Port A–D Alternate Function Sub-Registers” on page 39 must
also be enabled.
Table 14. Port Alternate Function Mapping (Continued)(20/28-Pin Parts)
Port
Pin
Mnemonic
Alternate Function Description
Alternate
Function Set
Register AFS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com