Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020EC Datasheet(PDF) 73 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 73 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 69Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 70Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 71Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 72Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 73Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 74Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 75Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 76Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 77Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Interrupt Controller
Z8 Encore! XP® F08xA Series
Product Specification
55
PA6CENH—Port A Bit[6] or Comparator Interrupt Request Enable Low Bit
PAxENL—Port A Bit[x] Interrupt Request Enable Low Bit
IRQ2 Enable High and Low Bit Registers
Table 41 describes the priority control for IRQ2. The IRQ2 Enable High and Low Bit reg-
isters (Tables 42 and 43) form a priority encoded enabling for interrupts in the Interrupt
Request 2 register. Priority is generated by setting bits in each register.
Reserved—Must be 0.
C3ENH—Port C3 Interrupt Request Enable High Bit
C2ENH—Port C2 Interrupt Request Enable High Bit
Table 40. IRQ1 Enable Low Bit Register (IRQ1ENL)
BITS
7
6
5
4
3
2
1
0
FIELD
PA7ENL
PA6CENL
PA5ENL
PA4ENL
PA3ENL
PA2ENL
PA1ENL
PA0ENL
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FC5H
Table 41. IRQ2 Enable and Priority Encoding
IRQ2ENH[x]IRQ2ENL[x] Priority
Description
0
0
Disabled
Disabled
0
1
Level 1
Low
1
0
Level 2
Nominal
1
1
Level 3
High
where x indicates the register bits from 0–7.
Table 42. IRQ2 Enable High Bit Register (IRQ2ENH)
BITS
7
6
5
4
3
2
1
0
FIELD
Reserved
C3ENH
C2ENH
C1ENH
C0ENH
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FC7H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com