Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020EC Datasheet(PDF) 60 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 60 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 56Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 57Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 58Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 59Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 60Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 61Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 62Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 63Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 64Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
General-Purpose I/O
Z8 Encore! XP® F08xA Series
Product Specification
42
PPUE[7:0]—Port Pull-up Enabled
0 = The weak pull-up on the Port pin is disabled.
1 = The weak pull-up on the Port pin is enabled.
Port A–D Alternate Function Set 1 Sub-Registers
The Port A–D Alternate Function Set1 sub-register (Table 24) is accessed through the Port
A–D Control register by writing 07H to the Port A–D Address register. The Alternate
Function Set 1 sub-registers selects the alternate function available at a port pin. Alternate
Functions selected by setting or clearing bits of this register are defined in “GPIO Alternate
Functions” on page 32
.
Alternate function selection on port pins must also be enabled as decribed in “Port A–D
Alternate Function Sub-Registers” on page 39.
PAFS1[7:0]—Port Alternate Function Set 1
0 = Port Alternate Function selected as defined in Table 13 in the GPIO Alternate Functions
section.
1 = Port Alternate Function selected as defined in Table 13 in the GPIO Alternate Functions
section.
Port A–D Alternate Function Set 2 Sub-Registers
The Port A–D Alternate Function Set 2 sub-register (Table 25) is accessed through the
Port A–D Control register by writing 08H to the Port A–D Address register. The Alternate
Function Set 2 sub-registers selects the alternate function available at a port pin. Alternate
Functions selected by setting or clearing bits of this register is defined in Table 13 in the
section “GPIO Alternate Functions” on page 32.
Alternate function selection on port pins must also be enabled as decribed in “Port A–D
Alternate Function Sub-Registers” on page 39.
Table 24. Port A–D Alternate Function Set 1 Sub-Registers (PxAFS1)
BITS
7
6
5
4
3
2
1
0
FIELD
PAFS17
PAFS16
PAFS15
PAFS14
PAFS13
PAFS12
PAFS11
PAFS10
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
If 07H in Port A–D Address Register, accessible through the Port A–D Control Register
Table 25. Port A–D Alternate Function Set 2 Sub-Registers (PxAFS2)
BITS
7
6
5
4
3
2
1
0
FIELD
PAFS27
PAFS26
PAFS25
PAFS24
PAFS23
PAFS22
PAFS21
PAFS20
Note:
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com