Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020EC Datasheet(PDF) 72 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 72 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 68Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 69Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 70Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 71Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 72Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 73Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 74Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 75Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 76Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Interrupt Controller
Z8 Encore! XP® F08xA Series
Product Specification
54
T1ENL—Timer 1 Interrupt Request Enable Low Bit
T0ENL—Timer 0 Interrupt Request Enable Low Bit
U0RENL—UART 0 Receive Interrupt Request Enable Low Bit
U0TENL—UART 0 Transmit Interrupt Request Enable Low Bit
ADCENL—ADC Interrupt Request Enable Low Bit
IRQ1 Enable High and Low Bit Registers
Table 38 describes the priority control for IRQ1. The IRQ1 Enable High and Low Bit reg-
isters (Tables 39 and 40) form a priority encoded enabling for interrupts in the Interrupt
Request 1 register. Priority is generated by setting bits in each register.
PA6CENH—Port A Bit[6] or Comparator Interrupt Request Enable High Bit
PAxENH—Port A Bit[x] Interrupt Request Enable High Bit
Refer to the Shared Interrupt Select register for selection of either Port A or Port D as the
interrupt source.
Table 38. IRQ1 Enable and Priority Encoding
IRQ1ENH[x]IRQ1ENL[x] Priority
Description
0
0
Disabled
Disabled
0
1
Level 1
Low
1
0
Level 2
Nominal
11
Level 3
High
where x indicates the register bits from 0–7.
Table 39. IRQ1 Enable High Bit Register (IRQ1ENH)
BITS
7
6
5
4
3
2
1
0
FIELD
PA7ENH
PA6CENH
PA5ENH
PA4ENH
PA3ENH
PA2ENH
PA1ENH
PA0ENH
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FC4H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com