Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020EC Datasheet(PDF) 59 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 59 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 55Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 56Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 57Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 58Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 59Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 60Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 61Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 62Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 63Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
General-Purpose I/O
Z8 Encore! XP® F08xA Series
Product Specification
41
PHDE[7:0]—Port High Drive Enabled
0 = The Port pin is configured for standard output current drive.
1 = The Port pin is configured for high output current drive.
Port A–D STOP Mode Recovery Source Enable Sub-Registers
The Port A–D STOP Mode Recovery Source Enable sub-register (Table 22) is accessed
through the Port A–D Control register by writing 05H to the Port A–D Address register.
Setting the bits in the Port A–D STOP Mode Recovery Source Enable sub-registers to 1
configures the specified Port pins as a STOP Mode Recovery source. During STOP Mode,
any logic transition on a Port pin enabled as a STOP Mode Recovery source initiates
STOP Mode Recovery.
PSMRE[7:0]—Port STOP Mode Recovery Source Enabled
0 = The Port pin is not configured as a STOP Mode Recovery source. Transitions on this
pin during STOP mode do not initiate STOP Mode Recovery.
1 = The Port pin is configured as a STOP Mode Recovery source. Any logic transition on
this pin during STOP mode initiates STOP Mode Recovery.
Port A–D Pull-up Enable Sub-Registers
The Port A–D Pull-up Enable sub-register (Table 23) is accessed through the Port A–D
Control register by writing 06H to the Port A–D Address register. Setting the bits in the
Port A–D Pull-up Enable sub-registers enables a weak internal resistive pull-up on the
specified Port pins.
Table 22. Port A–D STOP Mode Recovery Source Enable Sub-Registers (PxSMRE)
BITS
7
6
5
4
3
2
1
0
FIELD
PSMRE7
PSMRE6
PSMRE5
PSMRE4
PSMRE3
PSMRE2
PSMRE1
PSMRE0
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
If 05H in Port A–D Address Register, accessible through the Port A–D Control Register
Table 23. Port A–D Pull-Up Enable Sub-Registers (PxPUE)
BITS
7
6
5
4
3
2
1
0
FIELD
PPUE7
PPUE6
PPUE5
PPUE4
PPUE3
PPUE2
PPUE1
PPUE0
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
If 06H in Port A
–D Address Register, accessible through the Port A–D Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com