| Electronic Components Datasheet Search |
|
Z8F082ASH020EC Datasheet(PDF) 80 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020EC Datasheet(HTML) 80 Page - Zilog, Inc. |
|
80 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Timers Z8 Encore! XP® F08xA Series Product Specification 62 – Select either the rising edge or falling edge of the Timer Input signal for the count. This selection also sets the initial logic level (High or Low) for the Timer Output alternate function. However, the Timer Output function is not required to be enabled. 2. Write to the Timer High and Low Byte registers to set the starting count value. This only affects the first pass in COUNTER mode. After the first timer Reload in COUNTER mode, counting always begins at the reset value of 0001H. In COUNTER mode the Timer High and Low Byte registers must be written with the value 0001H. 3. Write to the Timer Reload High and Low Byte registers to set the Reload value. 4. If appropriate, enable the timer interrupt and set the timer interrupt priority by writing to the relevant interrupt registers. 5. Configure the associated GPIO port pin for the Timer Input alternate function. 6. If using the Timer Output function, configure the associated GPIO port pin for the Timer Output alternate function. 7. Write to the Timer Control register to enable the timer. In COUNTER mode, the number of Timer Input transitions since the timer start is given by the following equation: COMPARATOR COUNTER Mode In COMPARATOR COUNTER mode, the timer counts input transitions from the analog comparator output. The TPOL bit in the Timer Control Register selects whether the count occurs on the rising edge or the falling edge of the comparator output signal. In COMPAR- ATOR COUNTER mode, the prescaler is disabled. The frequency of the comparator output signal must not exceed one-fourth the system clock frequency. After reaching the Reload value stored in the Timer Reload High and Low Byte registers, the timer generates an interrupt, the count value in the Timer High and Low Byte registers is reset to 0001H and counting resumes. Also, if the Timer Output alternate function is enabled, the Timer Output pin changes state (from Low to High or from High to Low) at timer Reload. The steps for configuring a timer for COMPARATOR COUNTER mode and initiating the count are as follows: 1. Write to the Timer Control register to: – Disable the timer – Configure the timer for COMPARATOR COUNTER mode Counter Mode Timer Input Transitions Current Count Value Start Value – = Caution: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |