Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020EC Datasheet(PDF) 101 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 101 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 97Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 98Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 99Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 100Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 101Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 102Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 103Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 104Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 105Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Watch-Dog Timer
Z8 Encore! XP® F08xA Series
Product Specification
83
The 24-bit WDT Reload Value must not be set to a value less than 000004H.
WDTU—WDT Reload Upper Byte
Most significant byte (MSB), Bits[23:16], of the 24-bit WDT reload value.
WDTH—WDT Reload High Byte
Middle byte, Bits[15:8], of the 24-bit WDT reload value.
WDTL—WDT Reload Low
Least significant byte (LSB), Bits[7:0], of the 24-bit WDT reload value.
Table 57. Watch-Dog Timer Reload Upper Byte Register (WDTU)
BITS
7
6
5
4
3
2
1
0
FIELD
WDTU
RESET
11
11
11
11
R/W
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
ADDR
FF1H
R/W* - Read returns the current WDT count value. Write sets the appropriate Reload Value.
Table 58. Watch-Dog Timer Reload High Byte Register (WDTH)
BITS
7
6
5
4
3
2
1
0
FIELD
WDTH
RESET
11
11111
1
R/W
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
ADDR
FF2H
R/W* - Read returns the current WDT count value. Write sets the appropriate Reload Value.
Table 59. Watch-Dog Timer Reload Low Byte Register (WDTL)
BITS
7
6
5
4
3
2
1
0
FIELD
WDTL
RESET
111
1111
1
R/W
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
ADDR
FF3H
R/W* - Read returns the current WDT count value. Write sets the appropriate Reload Value.
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com