Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV04KC Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 43Page - STMicroelectronics ST25DV04KC Datasheet HTML 44Page - STMicroelectronics ST25DV04KC Datasheet HTML 45Page - STMicroelectronics ST25DV04KC Datasheet HTML 46Page - STMicroelectronics ST25DV04KC Datasheet HTML 47Page - STMicroelectronics ST25DV04KC Datasheet HTML 48Page - STMicroelectronics ST25DV04KC Datasheet HTML 49Page - STMicroelectronics ST25DV04KC Datasheet HTML 50Page - STMicroelectronics ST25DV04KC Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 203 page
background image
5.4.5
Configuring GPO
GPO and interruption pulse duration can be configured by RF user or by I2C host. One or more interrupts can be
enabled at same time.
RF user can use Read Configuration and Write Configuration commands to set accordingly the GPO1 and GPO2
registers, after presenting a valid RF configuration password to open RF configuration security session.
I2C host can write GPO1 and GPO2 registers, after presenting a valid I2C password to open I2C security session.
Enabling or disabling GPO output:
•
RF user and I2C host can disable or enable GPO output at power up time by writing in GPO_EN bit 0 of
GPO1 register (if write access is granted).
•
I2C host can temporarily enable or disable GPO output at any time by toggling GPO_EN bit 0 of
GPO_CTRL_Dyn register. No password is required to write into GPO_CTRL_Dyn register.
•
Disabling GPO output by writing in GPO_EN bit (either in GPO1 or in GPO_CTRL_Dyn registers) does not
disable interruption report in IT_STS_Dyn status register.
Table 38. Enabling or disabling GPO interruptions
GPO1 bit 0:
GPO_EN
GPO_CTRL_Dyn bit 0:
GPO_EN
GPO output
0
0
GPO remains High-Z (open drain version) or is tied to ground (CMOS version).
1
0
GPO remains High-Z (open drain version) or is tied to ground (CMOS version).
0
1
Activated RF and I2C events are reported on GPO output.(1)
1
1
Activated RF and I2C events are reported on GPO output. (1)
1. If pull-up resistor is powered (open drain version) or VDCG is powered (CMOS version).
Interruption pulse duration configuration:
•
Interrupt pulse duration is configured by writing pulse duration value in bits 4 to 2 (IT_TIME) of GPO2
register
•
Pulse duration is calculated with the following equation
IT pulse duration equation:
ITpulseduration=301μs−IT_TIME×37.65μs±2μs
(1)
ST25DV04KC ST25DV16KC ST25DV64KC
GPO
DS13519 - Rev 3
page 47/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com