Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV04KC Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 66Page - STMicroelectronics ST25DV04KC Datasheet HTML 67Page - STMicroelectronics ST25DV04KC Datasheet HTML 68Page - STMicroelectronics ST25DV04KC Datasheet HTML 69Page - STMicroelectronics ST25DV04KC Datasheet HTML 70Page - STMicroelectronics ST25DV04KC Datasheet HTML 71Page - STMicroelectronics ST25DV04KC Datasheet HTML 72Page - STMicroelectronics ST25DV04KC Datasheet HTML 73Page - STMicroelectronics ST25DV04KC Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 203 page
background image
Table 92. Operating modes
Mode
RW bit
Bytes
Initial sequence
Current address read
1
1
Start, device select, RW = 1
Random address read
0
1
Start, device select, RW = 0, address
1
reStart, device select, RW = 1
Sequential read
1
≥ 1
Similar to current or random address read
Byte write
0
1
Start, device select, RW = 0
Sequential write
0
≤ 256 byte
Start, device select, RW = 0
6.4
I²C Write operations
Following a Start condition, the bus master sends a device select code with the Read/Write bit (RW) reset to 0.
The device acknowledges this, and waits for two address bytes. The device responds to each address byte with
an acknowledge bit, and then waits for the data byte.
Each data byte in the memory has a 16-bit (two-byte wide) address. The most significant byte (see
Table 93. Address most significant byte) is sent first, followed by the least significant byte (see Table 94. Address
least significant byte). Bits b15 to b0 form the address of the byte in memory.
Table 93. Address most significant byte
b15
b14
b13
b12
b11
b10
b9
b8
Table 94. Address least significant byte
b7
b6
b5
b4
b3
b2
b1
b0
When the bus master generates a Stop condition immediately after the Ack bit (in the tenth-bit time slot), either at
the end of a byte write or a sequential write, the internal write cycle is triggered. A Stop condition at any other time
slot does not trigger the internal write cycle.
After the Stop condition, the delay tW, and the successful completion of a Write operation, the device’s internal
address counter is incremented automatically, to point to the next byte address after the last one that was
modified.
After an unsuccessful write operation, ST25DVxxKC enters in I²C dead state: internal address counter is not
incremented, and is waiting for a full new I²C instruction (address counter stops to be incremented after the first
NoAck bit).
During the internal write cycle, the serial data (SDA) signal is disabled internally, and the device does not respond
to any requests.
Caution:
I²C Writing data in user memory (EEPROM), transit via the 256 bytes fast transfer mode's buffer. Consequently
fast transfer mode must be deactivated before starting any write operation in user memory, otherwise the
command is NotACK, the programming is not done and device goes in standby mode.
6.4.1
I2C Byte write
After the device select code and the address bytes, the bus master sends one data byte.
If byte write is not inhibited, the device replies with Ack.
If byte write is inhibited, the device replies with NoAck.
The bus master terminates the transfer by generating a Stop condition (see Figure 32. Write mode sequences
when write is not inhibited).
For byte write in EEPROM (user memory or system configuration), internal programming starts after the STOP
condition, for a duration of tW (as defined in Table 249. I2C DC characteristics up to 85 °C and Table 250. I2C DC
characteristics up to 125 °C).
ST25DV04KC ST25DV16KC ST25DV64KC
I²C Write operations
DS13519 - Rev 3
page 70/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com