Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV04KC Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 22Page - STMicroelectronics ST25DV04KC Datasheet HTML 23Page - STMicroelectronics ST25DV04KC Datasheet HTML 24Page - STMicroelectronics ST25DV04KC Datasheet HTML 25Page - STMicroelectronics ST25DV04KC Datasheet HTML 26Page - STMicroelectronics ST25DV04KC Datasheet HTML 27Page - STMicroelectronics ST25DV04KC Datasheet HTML 28Page - STMicroelectronics ST25DV04KC Datasheet HTML 29Page - STMicroelectronics ST25DV04KC Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 203 page
background image
Adding a message is only possible when fast transfer mode is enabled (MB_EN=1) and mailbox is free
(HOST_PUT_MSG and RF_PUT_MSG cleared, which is the case after POR or after complete reading of I2C
message by RF, and complete reading of RF message by I2C).
A watchdog limits the message availability in time: when a time-out occurs, the mailbox is considered free, and
the HOST_MISS_MSG or RF_MISS_MSG bits is set into MB_CTRL_Dyn register. The data contained in the
mailbox is not cleared after a read or after the watchdog has been triggered: message data is still available
for read and until fast transfer mode is disabled. HOST_CURRENT_MSG and RF_CURRENT_MSG bits are
indicating the source of the current data.
The message is stored in a buffer (256 Bytes), and the write operation is done immediately. .
Caution:
The data written in user memory (EEPROM), either from I2C or from RF, transits via the 256-Byte buffer.
Consequently fast transfer mode must be deactivated (MB_EN=0) before starting any write operation in user
memory, otherwise the command is NotACK for I2C or get an answer 0Fh for RF and programming is not done.
I2C access to mailbox
The access by I2C can be done by dedicated address mapping to mailbox (2008h to 2107h) with device select
E2=0, E1=1.
I2C reading operation does not support rollover. Therefore data out is set to FFh when the counter reaches the
message end.
The RF_PUT_MSG is cleared after reaching the STOP consecutive to reading the last message byte, and the
mailbox is considered free (but the message is not cleared and it is still present in the mailbox) until a new
message is written or mail ox is deactivated.
A I2C reading operation never deletes the HOST_PUT_MSG, and the message remains available for RF.
An I2C read can start at any address inside the mailbox (between address 2008h and 2107h).
A I2C write operation must start from the first mailbox location, at address 2008h. After reaching the Mailbox
border at address 2107h all bytes are NACK and the command is not executed (no rollover).
At the end of a successful I2C message write, the message length is automatically set into MB_LEN_Dyn register,
and HOST_PUT_MSG bit is set into MB_CTRL_Dyn register, and the write access to the mailbox is not possible
until the mailbox has been released again. MB_LEN_Dyn contains the size of the message in byte, minus 1.
RF access to mailbox
The RF Control & Access to mailbox is possible using dedicated custom commands:
•
Read Dynamic Configuration and Fast Read Dynamic Configuration to check availability of mailbox.
•
Write Dynamic Configuration and Fast Write Dynamic configuration to enable or disable fast transfer mode.
•
Read Message Length and Fast Read Message Length to get the length of the contained message,
•
Read Message and Fast Read Message to download the content of the mailbox,
•
Write Message and Fast Write Message to put a new message in mailbox. (New length is automatically
updated after completion of a successful Write Message or Fast Write Message command).
HOST_PUT_MSG is cleared following a valid reading of the last message byte, and mailbox is considered free
(but message is not cleared and is still present in the mailbox) until a new message is written or mailbox is
deactivated.
An RF read can start at any address of inside the message, but return an error 0Fh if trying to read after the last
byte of the message.
An RF reading operation never deletes the RF_PUT_MSG and the message remains available for I2C.
At the end of a successful RF message write, the message length is automatically set in MB_LEN_Dyn register,
and RF_PUT_MSG bit is set in MB_CTRL_Dyn register. and write access to the mailbox is not possible until
mailbox has been freed again.
The presence of a DC supply is mandatory to get RF access to the mailbox. VCC_ON can be checked reading
the dynamic register EH_CTRL_Dyn.
To get more details about sequences to prepare and initiate a Fast Transfer, to detect progress of a fast transfer
or to control and execute a fast transfer, please refer to AN4910. How to exchange data between wired (I2C) and
wireless world (RF ISO15693) using fast transfer mode supported by ST25DVxxKC).
ST25DV04KC ST25DV16KC ST25DV64KC
Fast transfer mode (FTM)
DS13519 - Rev 3
page 26/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com