Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV04KC Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 3Page - STMicroelectronics ST25DV04KC Datasheet HTML 4Page - STMicroelectronics ST25DV04KC Datasheet HTML 5Page - STMicroelectronics ST25DV04KC Datasheet HTML 6Page - STMicroelectronics ST25DV04KC Datasheet HTML 7Page - STMicroelectronics ST25DV04KC Datasheet HTML 8Page - STMicroelectronics ST25DV04KC Datasheet HTML 9Page - STMicroelectronics ST25DV04KC Datasheet HTML 10Page - STMicroelectronics ST25DV04KC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 203 page
background image
2
Signal descriptions
2.1
Serial link (SCL, SDA)
2.1.1
Serial clock (SCL)
This input signal is used to strobe all data in and out of the ST25DVxxKC. In applications where this signal is used
by slave devices to synchronize the bus to a slower clock, the bus master must have an open drain output, and a
pull-up resistor must be connected from serial clock (SCL) to VCC. See Section 9.2 I2C DC and AC parameters
to know how to calculate the value of this pull-up resistor.
2.1.2
Serial data (SDA)
This bidirectional signal is used to transfer data in or out of the ST25DVxxKC. It is an open drain output that may
be wire-OR’ed with other open drain or open collector signals on the bus. A pull-up resistor must be connected
from serial data (SDA) to VCC. (Figure 82. I2C Fast mode (fC = 1 MHz): maximum Rbus value versus bus parasitic
capacitance (Cbus) indicates how the value of the pull-up resistor can be calculated).
2.2
Power control (VCC, LPD, VSS)
2.2.1
Supply voltage (VCC)
This pin can be connected to an external DC supply voltage.
Note:
An internal voltage regulator allows the external voltage applied on VCC to supply the ST25DVxxKC, while
preventing the internal power supply (rectified RF waveforms) to output a DC voltage on the VCC pin.
2.2.2
Low power down (LPD)
This input signal is used to control an internal 1.8 V regulator delivering the ST25DVxxKC internal supply. When
LPD is high, this regulator is shut off and its consumption is reduced below 1 µA.
This regulator has a turn on time in the range of 100 µs to be added to the boot duration, before the device
becomes fully operational. The impedance on LDP pin when set high should not exceed 5 kΩ. The LPD pin is
internally pulled down.
This feature is only available on the 10-ball and 12-pin ST25DVxxKC packages.
2.2.3
Ground (VSS)
VSS is the reference for the VCC and VDCG supply voltages and V_EH analogic output voltage.
ST25DV04KC ST25DV16KC ST25DV64KC
Signal descriptions
DS13519 - Rev 3
page 7/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com