Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV04KC Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 94Page - STMicroelectronics ST25DV04KC Datasheet HTML 95Page - STMicroelectronics ST25DV04KC Datasheet HTML 96Page - STMicroelectronics ST25DV04KC Datasheet HTML 97Page - STMicroelectronics ST25DV04KC Datasheet HTML 98Page - STMicroelectronics ST25DV04KC Datasheet HTML 99Page - STMicroelectronics ST25DV04KC Datasheet HTML 100Page - STMicroelectronics ST25DV04KC Datasheet HTML 101Page - STMicroelectronics ST25DV04KC Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 203 page
background image
Response parameter:
•
Error code as Error_flag is set:
–
03h: command option is not supported
–
0Fh: error with no information given
–
10h: the specified block is not available
–
15h: the specified block is read-protected
Figure 48. Extended Read Multiple Block frame exchange between VCD and ST25DVxxKC
SOF
Extended
Read Multiple
Block request
VCD
ST25DVxxKC
EOF
SOF
Extended
Read Multiple
Block response
EOF
t1
7.6.14
Write Multiple Blocks
On receiving the Write Multiple Block command, the ST25DVxxKC writes the data contained in the request to
the requested blocks, and reports whether the write operation were successful in the response. ST25DVxxKC
supports up to 4 blocks, data field must be coherent with the number of blocks to program.
The number of blocks in the request is one less than the number of blocks that the ST25DVxxKC shall write (for
instance Number of block = 2 means 3 blocks to be written).
If some blocks overlaps areas, or overlap end of user memory, the ST25DVxxKC returns an error code and
none of the blocks are programmed. When the Option_flag is set, wait for EOF to respond. During the RF write
cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the ST25DVxxKC may not program
correctly the data into the memory. The Wt time is equal to t1nom + m × 302 μs < 20 ms. (m is an integer, it is
function of Nb number of blocks to be programmed).
The Inventory_flag must be set to 0.
Block number is coded on 1 Byte and only first 256 blocks of ST25DV16KC and ST25DV64KC can be addressed
using this command.
Table 136. Write Multiple Block request format
Request
SOF
Request_flags
Write
Multiple
Block
UID (1)
First Block
number
Number of
block (2)
Data
CRC16
Request
EOF
-
8 bits
24h
64 bits
8 bits
8 bits
Block length
(3)
16 bits
-
1. This field is optional.
2. The number of blocks in the request is one less than the number of blocks that the VICC shall write.
3. Repeated as needed
Request parameters:
•
Request flags
•
UID (optional)
•
First Block number
•
Number of blocks
•
Data
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 98/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com