Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV04KC Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 77Page - STMicroelectronics ST25DV04KC Datasheet HTML 78Page - STMicroelectronics ST25DV04KC Datasheet HTML 79Page - STMicroelectronics ST25DV04KC Datasheet HTML 80Page - STMicroelectronics ST25DV04KC Datasheet HTML 81Page - STMicroelectronics ST25DV04KC Datasheet HTML 82Page - STMicroelectronics ST25DV04KC Datasheet HTML 83Page - STMicroelectronics ST25DV04KC Datasheet HTML 84Page - STMicroelectronics ST25DV04KC Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 203 page
background image
Table 97. Definition of request flags 1 to 4
Bit No
Flag
Level
Description
Bit 1
Subcarrier_flag (1)
0
A single subcarrier frequency is used by the ST25DVxxKC
1
Two subcarriers are used by the ST25DVxxKC
Bit 2
Data_rate_flag (2)
0
Low data rate is used
1
High data rate is used
Bit 3
Inventory_flag
0
The meaning of flags 5 to 8 is described in Table 98
1
The meaning of flags 5 to 8 is described in Table 99
Bit 4
Protocol_extension
_flag
0
No Protocol format extension
1
Protocol format extension. Reserved for future use.
1. Subcarrier_flag refers to the ST25DVxxKC-to-VCD communication.
2. Data_rate_flag refers to the ST25DVxxKC-to-VCD communication.
Table 98. Request flags 5 to 8 when inventory_flag, Bit 3 = 0
Bit nb
Flag
Level
Description
Bit 5
Select flag (1)
0
The request is executed by any ST25DVxxKC according to
the setting of Address_flag
1
The request is executed only by the ST25DVxxKC in Selected
state
Bit 6
Address flag
0
The request is not addressed. UID field is not present. The
request is executed by all ST25DVxxKCs.
1
The request is addressed. UID field is present. The request is
executed only by the ST25DVxxKC whose UID matches the
UID specified in the request.
Bit 7
Option flag
0
Option not activated.
1
Option activated.
Bit 8
RFU
0
-
1. If the Select_flag is set to 1, the Address_flag is set to 0 and the UID field is not present in the request.
Table 99. Request flags 5 to 8 when inventory_flag, Bit 3 = 1
Bit nb
Flag
Level
Description
Bit 5
AFI flag
0
AFI field is not present
1
AFI field is present
Bit 6
Nb_slots flag
0
16 slots
1
1 slot
Bit 7
Option flag
0
-
Bit 8
RFU
0
-
ST25DV04KC ST25DV16KC ST25DV64KC
RF protocol description
DS13519 - Rev 3
page 81/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com