Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV04KC Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 158Page - STMicroelectronics ST25DV04KC Datasheet HTML 159Page - STMicroelectronics ST25DV04KC Datasheet HTML 160Page - STMicroelectronics ST25DV04KC Datasheet HTML 161Page - STMicroelectronics ST25DV04KC Datasheet HTML 162Page - STMicroelectronics ST25DV04KC Datasheet HTML 163Page - STMicroelectronics ST25DV04KC Datasheet HTML 164Page - STMicroelectronics ST25DV04KC Datasheet HTML 165Page - STMicroelectronics ST25DV04KC Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 203 page
background image
Appendix A Bit representation and coding for fast commands
Data bits are encoded using Manchester coding, according to the following schemes. For the low data rate, same
subcarrier frequency or frequencies is/are used. In this case, the number of pulses is multiplied by 4 and all times
increase by this factor. For the Fast commands using one subcarrier, all pulse numbers and times are divided by
2.
A.1
Bit coding using one subcarrier
A.1.1
High data rate
For the fast commands, a logic 0 starts with four pulses at 423.75 kHz (fC/32) followed by an unmodulated time of
9.44 µs, as shown in Figure 92.
Figure 92. Logic 0, high data rate, fast commands
18.88 µs
For the Fast commands, a logic 1 starts with an unmodulated time of 9.44 µs followed by four pulses of 423.75
kHz (fC/32), as shown in Figure 93.
Figure 93. Logic 1, high data rate, fast commands
18.88 µs
A.1.2
Low data rate
For the Fast commands, a logic 0 starts with 16 pulses at 423.75 kHz (fC/32) followed by an unmodulated time of
37.76 µs, as shown in Figure 94.
Figure 94. Logic 0, low data rate, fast commands
75.52 µs
For the Fast commands, a logic 1 starts with an unmodulated time of 37.76 µs followed by 16 pulses at 423.75
kHz (fC/32), as shown in Figure 95.
ST25DV04KC ST25DV16KC ST25DV64KC
Bit representation and coding for fast commands
DS13519 - Rev 3
page 162/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com