Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV04KC Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 177Page - STMicroelectronics ST25DV04KC Datasheet HTML 178Page - STMicroelectronics ST25DV04KC Datasheet HTML 179Page - STMicroelectronics ST25DV04KC Datasheet HTML 180Page - STMicroelectronics ST25DV04KC Datasheet HTML 181Page - STMicroelectronics ST25DV04KC Datasheet HTML 182Page - STMicroelectronics ST25DV04KC Datasheet HTML 183Page - STMicroelectronics ST25DV04KC Datasheet HTML 184Page - STMicroelectronics ST25DV04KC Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 203 page
background image
B.6.3
I2C sequential read in dynamic registers
Table 295. Sequential read in dynamic register
Request/Response Frame
Comment
Master drives SDA
Slave drives SDA
Start A6h
-
Device select for writing
-
ACK
9th bit
20h
-
Send Address MSB (1 Byte)
-
ACK
9th bit
Dynamic register ADDRESS_LSB
-
Send Address LSB (1 Byte)
Fynamic register are located form address
2000h to 2007
-
ACK
9th bit
Start A7h
-
Device select for reading
-
ACK
9th bit
-
DATA
Receive Data 0
ACK
-
9th bit
-
DATA
Receive Data 1
ACK
-
9th bit
-
...
...
...
-
...
-
Data
Receive Data n
NO_ACK
-
9th bit
Stop
-
End of reading
ST25DV04KC ST25DV16KC ST25DV64KC
I²C sequential read
DS13519 - Rev 3
page 181/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com