Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5675KFF0VMS2R Datasheet(PDF) 101 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 97Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 98Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 99Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 100Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 101Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 102Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 103Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 104Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 147 page
background image
Electrical characteristics
MPC5675K Microcontroller Data Sheet, Rev. 9
NXP Semiconductors
101
3.21.2
Reset sequence description
The figures in this section show the internal states of the MPC5675K during the five different reset sequences. The doted lines
in the figures indicate the starting point and the end point for which the duration is specified in Table 58. The start point and
end point conditions as well as the reset trigger mapping to the different reset sequences is specified in Section 3.21.3, Reset
sequence trigger mapping.
With the beginning of DRUN mode, the first instruction is fetched and executed. At this point, application execution starts and
the internal reset sequence is finished.
The following figures show the internal states of the MPC5675K during the execution of the reset sequence and the possible
states of the RESET signal pin.
NOTE
RESET is a bidirectional pin. The voltage level on this pin can either be driven low by an
external reset generator or by the MPC5675K internal reset circuitry. A high level on this
pin can only be generated by an external pullup resistor which is strong enough to overdrive
the weak internal pulldown resistor. The rising edge on RESET in the following figures
indicates the time when the device stops driving it low. The reset sequence durations given
in Table 58 are applicable only if the internal reset sequence is not prolonged by an external
reset generator keeping RESET asserted low beyond the last PHASE3.
Figure 12. Destructive reset sequence, BIST enabled
Table 58. RESET sequences
No.
Symbol
Parameter
TReset
Unit
Min
Typ
Max1
1 The maximum value is applicable only if the reset sequence duration is not prolonged by an extended assertion of
RESET by an external reset generator.
1
TDRB
CC
Destructive Reset Sequence, BIST enabled
50
60
70
ms
2
TDR
CC
Destructive Reset Sequence, BIST disabled
40
400
1000
µs
3
TERLB
CC
External Reset Sequence Long, BIST enabled
50
60
70
ms
4
TFRL
CC
Functional Reset Sequence Long
40
300
600
µs
5
TFRS
CC
Functional Reset Sequence Short
1
3
10
µs
PHASE0
PHASE1,2
PHASE3
PHASE1,2
PHASE3
DRUN
BIST
Reset Sequence Trigger
Reset Sequence Start Condition
RESET
Establish
Flash
Device
Self
MBIST
LBIST
Application
IRC and
PWR
Init
Test
Setup
Config
Flash
Init
Device
Config
Execution
TDRB, min < TRESET < TDRB, max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com