Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALFHA Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 19Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 20Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 21Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 22Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 23Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 24Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 25Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 26Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
23
DDR and DDR2 SDRAM AC Electrical Characteristics
This figure shows the DDR SDRAM output timing for address skew with respect to any MCK.
Figure 7. Timing Diagram for tAOSKEW Measurement
MDQS epilogue end
tDDKHME
–0.6
0.9
ns
7
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. Output hold time can be read as DDR timing
(DD) from the rising or falling edge of the reference clock (KH or KL) until the output went invalid (AX or DX). For example,
tDDKHAS symbolizes DDR timing (DD) for the time tMCK memory clock reference (K) goes from the high (H) state until outputs
(A) are setup (S) or output valid time. Also, tDDKLDX symbolizes DDR timing (DD) for the time tMCK memory clock reference
(K) goes low (L) until data outputs (D) are invalid (X) or data output hold time.
2. All MCK/MCK referenced measurements are made from the crossing of the two signals ±0.1 V.
3. In the source synchronous mode, MCK/MCK can be shifted in ¼ applied cycle increments through the clock control register.
For the skew measurements referenced for tAOSKEW it is assumed that the clock adjustment is set to align the
address/command valid with the rising edge of MCK.
4. ADDR/CMD includes all DDR SDRAM output signals except MCK/MCK, MCS, and MDQ/MECC/MDM/MDQS. For the
ADDR/CMD setup and hold specifications, it is assumed that the clock control register is set to adjust the memory clocks
by ½ applied cycle.
5. Note that tDDKHMH follows the symbol conventions described in note 1. For example, tDDKHMH describes the DDR timing
(DD) from the rising edge of the MCK(n) clock (KH) until the MDQS signal is valid (MH). tDDKHMH can be modified through
control of the DQSS override bits in the TIMING_CFG_2 register. In source synchronous mode, this is typically set to the
same delay as the clock adjust in the CLK_CNTL register. The timing parameters listed in the table assume that these two
parameters have been set to the same adjustment value. Refer MPC8360E PowerQUICC II Pro Integrated Communications
Processor Reference Manual for a description and understanding of the timing modifications enabled by use of these bits.
6. Determined by maximum possible skew between a data strobe (MDQS) and any corresponding bit of data (MDQ), ECC
(MECC), or data mask (MDM). The data strobe should be centered inside of the data eye at the pins of the device.
7. All outputs are referenced to the rising edge of MCK(n) at the pins of the device. Note that tDDKHMP follows the symbol
conventions described in note 1.
8. AC timing values are based on the DDR data rate, which is twice the DDR memory bus frequency.
9. In rev. 2.0 silicon, tDDKHMH maximum meets the specification of 0.6 ns. In rev. 2.0 silicon, due to errata, tDDKHMH minimum
is –0.9 ns. Refer to Errata DDR18 in Chip Errata for the MPC8360E, Rev. 1.
Table 21. DDR and DDR2 SDRAM Output AC Timing Specifications for Source
Synchronous Mode (continued)
At recommended operating conditions with GVDD of (1.8 V or 2.5 V) ± 5%.
Parameter8
Symbol1
Min
Max
Unit
Notes
ADDR/CMD
MCK[n]
MCK[n]
tMCK
CMD
NOOP
tAOSKEW(min)
ADDR/CMD
CMD
NOOP
tAOSKEW(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com