Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALFHA Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 88Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 89Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 90Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 91Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 92Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 93Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 94Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 95Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
92
Freescale Semiconductor
Thermal Management Information
22.2
Thermal Management Information
For the following sections, PD = (VDD × IDD) + PI/O where PI/O is the power dissipation of the I/O drivers. See Table 6 for
typical power dissipations values.
22.2.1
Estimation of Junction Temperature with Junction-to-Ambient
Thermal Resistance
An estimation of the chip junction temperature, TJ, can be obtained from the equation:
TJ = TA + (RθJA × PD)
where:
TJ = junction temperature (° C)
TA = ambient temperature for the package (° C)
RθJA = junction-to-ambient thermal resistance (° C/W)
PD = power dissipation in the package (W)
The junction-to-ambient thermal resistance is an industry standard value that provides a quick and easy estimation of thermal
performance. As a general statement, the value obtained on a single-layer board is appropriate for a tightly packed
printed-circuit board. The value obtained on the board with the internal planes is usually appropriate if the board has low power
dissipation and the components are well separated. Test cases have demonstrated that errors of a factor of two (in the quantity
TJ – TA) are possible.
22.2.2
Estimation of Junction Temperature with Junction-to-Board
Thermal Resistance
The thermal performance of a device cannot be adequately predicted from the junction-to-ambient thermal resistance. The
thermal performance of any component is strongly dependent on the power dissipation of surrounding components.
Additionally, the ambient temperature varies widely within the application. For many natural convection and especially closed
box applications, the board temperature at the perimeter (edge) of the package is approximately the same as the local air
temperature near the device. Specifying the local ambient conditions explicitly as the board temperature provides a more precise
description of the local ambient conditions that determine the temperature of the device. At a known board temperature, the
junction temperature is estimated using the following equation:
Junction-to-package natural convection on top
ψJT
1
° C/W
6
Notes
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal
resistance.
2. Per JEDEC JESD51-2 and SEMI G38-87 with the single layer board horizontal.
3. Per JEDEC JESD51-6 with the board horizontal. 1 m/sec is approximately equal to 200 linear feet per minute (LFM).
4. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
6. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written
as Psi-JT.
Table 77. Package Thermal Characteristics for the TBGA Package (continued)
Characteristic
Symbol
Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com