Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALFHA Datasheet(PDF) 82 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 78Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 79Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 80Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 81Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 82Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 83Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 84Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 85Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
82
Freescale Semiconductor
Pinout Listings
clock. When the device is configured as a PCI agent device the CLKIN and the CFG_CLKIN_DIV signals should be tied to
GND.
When the device is configured as a PCI host device (RCWH[PCIHOST] = 1) and PCI clock output is disabled
(RCWH[PCICKDRV] = 0), clock distribution and balancing done externally on the board. Therefore, PCI_SYNC_IN is the
primary input clock.
As shown in Figure 54 and Figure 55, the primary clock input (frequency) is multiplied by the QUICC Engine block
phase-locked loop (PLL), the system PLL, and the clock unit to create the QUICC Engine clock (ce_clk), the coherent system
bus clock (csb_clk), the internal DDRC1 controller clock (ddr1_clk), and the internal clock for the local bus interface unit and
DDR2 memory controller (lb_clk).
The csb_clk frequency is derived from a complex set of factors that can be simplified into the following equation:
csb_clk = {PCI_SYNC_IN × (1 + CFG_CLKIN_DIV)} × SPMF
In PCI host mode, PCI_SYNC_IN × (1 + CFG_CLKIN_DIV) is the CLKIN frequency; in PCI agent mode, CFG_CLKIN_DIV
must be pulled down (low), so PCI_SYNC_IN × (1 + CFG_CLKIN_DIV) is the PCI_CLK frequency.
The csb_clk serves as the clock input to the e300 core. A second PLL inside the e300 core multiplies up the csb_clk frequency
to create the internal clock for the e300 core (core_clk). The system and core PLL multipliers are selected by the SPMF and
COREPLL fields in the reset configuration word low (RCWL) which is loaded at power-on reset or by one of the hard-coded
reset options. See Chapter 4, “Reset, Clocking, and Initialization,” in the MPC8360E PowerQUICC II Pro Integrated
Communications Processor Reference Manual for more information on the clock subsystem.
The ce_clk frequency is determined by the QUICC Engine PLL multiplication factor (RCWL[CEPMF) and the QUICC Engine
PLL division factor (RCWL[CEPDF]) according to the following equation:
ce_clk = (primary clock input × CEPMF)
÷ (1 + CEPDF)
The internal ddr1_clk frequency is determined by the following equation:
ddr1_clk = csb_clk × (1 + RCWL[DDR1CM])
Note that the lb_clk clock frequency (for DDRC2) is determined by RCWL[LBCM]. The internal ddr1_clk frequency is not the
external memory bus frequency; ddr1_clk passes through the DDRC1 clock divider (
÷2) to create the differential DDRC1
memory bus clock outputs (MEMC1_MCK and MEMC1_MCK). However, the data rate is the same frequency as ddr1_clk.
The internal lb_clk frequency is determined by the following equation:
lb_clk = csb_clk × (1 + RCWL[LBCM])
Note that lb_clk is not the external local bus or DDRC2 frequency; lb_clk passes through the a LB clock divider to create the
external local bus clock outputs (LSYNC_OUT and LCLK[0:2]). The LB clock divider ratio is controlled by LCRR[CLKDIV].
Additionally, some of the internal units may be required to be shut off or operate at lower frequency than the csb_clk frequency.
Those units have a default clock ratio that can be configured by a memory mapped register after the device comes out of reset.
This table specifies which units have a configurable clock frequency.
This table provides the operating frequencies for the TBGA package under recommended operating conditions (see Table 2).
All frequency combinations shown in the table below may not be available. Maximum operating frequencies depend on the part
Table 68. Configurable Clock Units
Unit
Default
Frequency
Options
Security core
csb_clk/3
Off,
csb_clk1, csb_clk/2,
csb_clk/3
1 With limitation, only for slow csb_clk rates, up to 166 MHz.
PCI and DMA complex
csb_clk
Off,
csb_clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com