Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALFHA Datasheet(PDF) 81 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 77Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 78Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 79Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 80Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 81Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 82Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 83Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 84Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
81
Pinout Listings
This figure shows the internal distribution of clocks within the MPC8358E.
Figure 55. MPC8358E Clock Subsystem
The primary clock source for the device can be one of two inputs, CLKIN or PCI_CLK, depending on whether the device is
configured in PCI host or PCI agent mode. Note that in PCI host mode, the primary clock input also depends on whether PCI
clock outputs are selected with RCWH[PCICKDRV]. When the device is configured as a PCI host device (RCWH[PCIHOST]
= 1) and PCI clock output is selected (RCWH[PCICKDRV] = 1), CLKIN is its primary input clock. CLKIN feeds the PCI clock
divider (
÷2) and the multiplexors for PCI_SYNC_OUT and PCI_CLK_OUT. The CFG_CLKIN_DIV configuration input
selects whether CLKIN or CLKIN/2 is driven out on the PCI_SYNC_OUT signal. The OCCR[PCIOENn] parameters enable
the PCI_CLK_OUTn, respectively.
PCI_SYNC_OUT is connected externally to PCI_SYNC_IN to allow the internal clock subystem to synchronize to the system
PCI clocks. PCI_SYNC_OUT must be connected properly to PCI_SYNC_IN, with equal delay to all PCI agent devices in the
system, to allow the device to function. When the device is configured as a PCI agent device, PCI_CLK is the primary input
Core PLL
System
LBIU
LSYNC_IN
LSYNC_OUT
LCLK[0:2]
core_clk
e300 Core
csb_clk to Rest
CLKIN
csb_clk
MPC8358E
Local Bus
PCI_CLK_OUT[0:2]
PCI_SYNC_OUT
PCI_CLK/
Clock
Unit
of the Device
lb_clk
CFG_CLKIN_DIV
PCI Clock
PCI_SYNC_IN
Memory
Device
/n
DLL
Divider
MEMC1_MCK[0:5]
MEMC1_MCK[0:5]
DDRC
/2
ddr1_clk
DDRC
Memory
Device
PLL
QUICC
PLL
ce_clk to QUICC Engine Block
Engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com