Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALFHA Datasheet(PDF) 99 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 94Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 95Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 96Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 97Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 98Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 99Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 100Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 101Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 102Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 99 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
99
Pull-Up Resistor Requirements
23.7
Pull-Up Resistor Requirements
The device requires high resistance pull-up resistors (10 k
Ωis recommended) on open drain type pins including I2C pins,
Ethernet Management MDIO pin, and EPIC interrupt pins.
For more information on required pull-up resistors and the connections required for the JTAG interface, see
MPC8360E/MPC8358E PowerQUICC Design Checklist (AN3097).
24
Ordering Information
24.1
Part Numbers Fully Addressed by this Document
This table provides the Freescale part numbering nomenclature for the MPC8360E/58E. Note that the individual part numbers
correspond to a maximum processor core frequency. For available frequencies, contact your local Freescale sales office.
Additionally to the processor frequency, the part numbering scheme also includes an application modifier, which may specify
special application conditions. Each part number also contains a revision code that refers to the die mask revision number.
This table shows the SVR settings by device and package type.
Table 80. Part Numbering Nomenclature1
MPC nnnn
e
t
pp
aa
a
a
A
Product
Code
Part
Identifier
Encryption
Acceleration
Temperature
Range
Package2
Processor
Frequency3
Platform
Frequency
QUICC
Engine
Frequency
Die
Revision
MPC
8358
Blank = not
included
E = included
Blank = 0
° C
TA to 105° C
TJ
C= –40
° C TA
to 105
° C TJ
ZU = TBGA
VV = TBGA
(no lead)
e300 core speed
AD = 266 MHz
AG = 400 MHz
D = 266 MHz
E = 300 MHz
G = 400 MHz
A = rev. 2.1
silicon
8360
e300 core speed
AG = 400 MHz
AJ = 533 MHz
AL = 667 MHz
D = 266 MHz
F = 333 MHz
G = 400 MHz
H = 500 MHz
A = rev. 2.1
silicon
MPC
(rev. 2.0
silicon
only)
8360
Blank = not
included
E = included
0
° C TA to
70
° C TJ
ZU = TBGA
VV = TBGA
(no lead)
e300 core speed
AH = 500 MHz
AL = 667 MHz
F = 333 MHz
G = 400 MHz
H = 500 MHz
—
Notes:
1. Not all processor, platform, and QUICC Engine block frequency combinations are supported. For available frequency
combinations, contact your local Freescale sales office or authorized distributor.
2. See Section 20, “Package and Pin Listings,” for more information on available package types.
3. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by part number specifications may support other
maximum core frequencies.
Table 81. SVR Settings
Device
Package
SVR
(Rev. 2.0)
SVR
(Rev. 2.1)
MPC8360E
TBGA
0x8048_0020
0x8048_0021
MPC8360
TBGA
0x8049_0020
0x8049_0021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com