Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALFHA Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 44Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 45Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 46Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 47Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 48Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 49Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 50Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 51Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
48
Freescale Semiconductor
I2C AC Electrical Specifications
11.2
I2C AC Electrical Specifications
This table provides the AC timing parameters for the I2C interface of the device.
Table 45. I2C AC Electrical Specifications
All values refer to VIH (min) and VIL (max) levels (see Table 44).
Parameter
Symbol1
Min
Max
Unit
Note
SCL clock frequency
fI2C
0
400
kHz
2
Low period of the SCL clock
tI2CL
1.3
—
μs—
High period of the SCL clock
tI2CH
0.6
—
μs—
Setup time for a repeated START condition
tI2SVKH
0.6
—
μs—
Hold time (repeated) START condition (after this period, the
first clock pulse is generated)
tI2SXKL
0.6
—
μs—
Data setup time
tI2DVKH
100
—
ns
3
Data hold time:
CBUS compatible masters
I2C bus devices
tI2DXKL
—
02
—
0.93
μs—
Rise time of both SDA and SCL signals
tI2CR
20 + 0.1 Cb
4
300
ns
—
Fall time of both SDA and SCL signals
tI2CF
20 + 0.1 Cb
4
300
ns
—
Set-up time for STOP condition
tI2PVKH
0.6
—
μs—
Bus free time between a STOP and START condition
tI2KHDX
1.3
—
μs—
Noise margin at the LOW level for each connected device
(including hysteresis)
VNL
0.1
× OVDD
—V
—
Noise margin at the HIGH level for each connected device
(including hysteresis)
VNH
0.2
× OVDD
—V
—
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional
block)(signal)(state)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For
example, tI2DVKH symbolizes I
2C timing (I2) with respect to the time data input signals (D) reach the valid state (V)
relative to the tI2C clock reference (K) going to the high (H) state or setup time. Also, tI2SXKL symbolizes I
2C timing
(I2) for the time that the data with respect to the start condition (S) went invalid (X) relative to the tI2C clock
reference (K) going to the low (L) state or hold time. Also, tI2PVKH symbolizes I
2C timing (I2) for the time that the
data with respect to the stop condition (P) reaching the valid state (V) relative to the tI2C clock reference (K) going
to the high (H) state or setup time. For rise and fall times, the latter convention is used with the appropriate letter:
R (rise) or F (fall).
2. The device provides a hold time of at least 300 ns for the SDA signal (referred to the VIH min of the SCL signal) to
bridge the undefined region of the falling edge of SCL.
3. The maximum tI2DVKH has only to be met if the device does not stretch the LOW period (tI2CL) of the SCL signal.
4. CB = capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com