Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALFHA Datasheet(PDF) 38 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 34Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 35Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 36Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 37Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 38Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 39Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 40Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 41Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
38
Freescale Semiconductor
Local Bus DC Electrical Characteristics
8.3.3
IEEE 1588 Timer AC Specifications
This table provides the IEEE 1588 timer AC specifications.
9
Local Bus
This section describes the DC and AC electrical specifications for the local bus interface of the MPC8360E/58E.
9.1
Local Bus DC Electrical Characteristics
This table provides the DC electrical characteristics for the local bus interface.
9.2
Local Bus AC Electrical Specifications
This table describes the general timing parameters of the local bus interface of the device.
Table 38. IEEE 1588 Timer AC Specifications
Parameter
Symbol
Min
Max
Unit
Notes
Timer clock frequency
tTMRCK
070
MHz
1
Input setup to timer clock
tTMRCKS
——
—
2, 3
Input hold from timer clock
tTMRCKH
——
—
2, 3
Output clock to output valid
tGCLKNV
06
ns
—
Timer alarm to output valid
tTMRAL
——
—
2
Notes:
1. The timer can operate on rtc_clock or tmr_clock. These clocks get muxed and any one of them can be selected. The
minimum and maximum requirement for both rtc_clock and tmr_clock are the same.
2. These are asynchronous signals.
3. Inputs need to be stable at least one TMR clock.
Table 39. Local Bus DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
High-level output voltage, IOH = –100 μAVOH
OVDD – 0.4
—
V
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
Input current
IIN
—±10
μA
Table 40. Local Bus General Timing Parameters—DLL Enabled
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
7.5
—
ns
2
Input setup to local bus clock (except LUPWAIT)
tLBIVKH1
1.7
—
ns
3, 4
LUPWAIT input setup to local bus clock
tLBIVKH2
1.9
—
ns
3, 4
Input hold from local bus clock (except LUPWAIT)
tLBIXKH1
1.0
—
ns
3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com