Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALFHA Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 40Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 41Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 42Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 43Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 44Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 45Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 46Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 47Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
44
Freescale Semiconductor
JTAG DC Electrical Characteristics
Figure 28. Local Bus Signals, GPCM/UPM Signals for LCRR[CLKDIV] = 4 (DLL Enabled)
10
JTAG
This section describes the DC and AC electrical specifications for the IEEE 1149.1 (JTAG) interface of the MPC8360E/58E.
10.1
JTAG DC Electrical Characteristics
This table provides the DC electrical characteristics for the IEEE 1149.1 (JTAG) interface of the device.
Table 42. JTAG interface DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = –6.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 6.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Input high voltage
VIH
—2.5
OVDD + 0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
0 V
≤VIN ≤OVDD
—±10
μA
LSYNC_IN
UPM Mode Input Signal:
LUPWAIT
tLBIXKH2
tLBIVKH2
tLBIVKH1
tLBIXKH1
tLBKHOZ1
T1
T3
Input Signals:
LAD[0:31]/LDP[0:3]
UPM Mode Output Signals:
LCS[0:3]/LBS[0:3]/LGPL[0:5]
GPCM Mode Output Signals:
LCS[0:3]/LWE
tLBKHOV1
tLBKHOV1
tLBKHOZ1
T2
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com