Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALFHA Datasheet(PDF) 83 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 79Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 80Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 81Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 82Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 83Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 84Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 85Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 86Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
83
System PLL Configuration
ordered, see Section 24.1, “Part Numbers Fully Addressed by this Document,” for part ordering details and contact your
Freescale sales representative or authorized distributor for more information.
21.1
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] and RCWL[SVCOD] parameters. This table shows the multiplication
factor encodings for the system PLL.
Table 69. Operating Frequencies for the TBGA Package
Characteristic1
400 MHz
533 MHz
667 MHz2
Unit
e300 core frequency (core_clk)
266–400
266–533
266–667
MHz
Coherent system bus frequency (csb_clk)
133–333
MHz
QUICC Engine frequency3 (ce_clk)
266–500
MHz
DDR and DDR2 memory bus frequency (MCLK)4
100–166.67
MHz
Local bus frequency (LCLKn)5
16.67–133
MHz
PCI input frequency (CLKIN or PCI_CLK)
25–66.67
MHz
Security core maximum internal operating frequency
133
133
166
MHz
Notes:
1. The CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen such that the resulting csb_clk,
MCLK, LCLK[0:2], and core_clk frequencies do not exceed their respective maximum or minimum operating frequencies.
2. The 667 MHz core frequency is based on a 1.3 V VDD supply voltage.
3. The 500 MHz QE frequency is based on a 1.3 V VDD supply voltage.
4. The DDR data rate is 2x the DDR memory bus frequency.
5. The local bus frequency is 1/2, 1/4, or 1/8 of the lb_clk frequency (depending on LCRR[CLKDIV]) which is in turn 1× or 2×
the csb_clk frequency (depending on RCWL[LBCM]).
Table 70. System PLL Multiplication Factors
RCWL[SPMF]
System PLL
Multiplication Factor
0000
× 16
0001
Reserved
0010
× 2
0011
× 3
0100
× 4
0101
× 5
0110
× 6
0111
× 7
1000
× 8
1001
× 9
1010
× 10
1011
× 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com