Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM008-A-R-SD-1.0 Datasheet(PDF) 7 Page - ABLIC Inc.

Part # FM008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FM008-A-R-SD-1.0 Datasheet(HTML) 7 Page - ABLIC Inc.

Back Button FM008-A-R-SD-1.0 Datasheet HTML 3Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 4Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 5Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 6Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 7Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 8Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 9Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 10Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 11Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35710 Series
7
Absolute Maximum Ratings
Table 4
Item
Symbol
Applied Pin
Absolute Maximum Rating
Unit
Power supply voltage
VDD
−
VSS
− 0.3 to VSS + 6.5
V
Input voltage
VIN
SDA, SCL, RST
_______
*1
VSS
− 0.3 to VSS + 6.5
V
RST
_______
*2
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 6.5
V
Output voltage
VOUT
SDA, INT *3
VSS
− 0.3 to VSS + 6.5
V
INT*4
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 6.5
V
Operation ambient temperature*5
Topr
−
−40 to +85
°C
Storage temperature
Tstg
−
−55 to +150
°C
*1. S-35710C01I (without pull-up resistor)
*2. S-35710B01I (with pull-up resistor)
*3. S-35710C01I (Nch open-drain output)
*4. S-35710B01I (CMOS output)
*5. Conditions with no condensation or frost. Condensation or frost causes short-circuiting between pins, resulting in a
malfunction.
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Recommended Operation Conditions
Table 5
(VSS = 0 V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Operation power supply voltage
VDD
Ta =
−40°C to +85°C
1.8
−
5.5
V
Oscillation Characteristics
Table 6
(Ta =
+25°C, VDD = 3.0 V, VSS = 0 V unless otherwise specified)
(Quartz crystal (NX3215SD, CL = 6.0 pF / 9.0 pF) manufactured by Nihon Dempa Kogyo Co., Ltd.)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Oscillation start voltage
VSTA
Within 10 seconds
1.8
−
5.5
V
Oscillation start time
tSTA
−
−
−
1
s
IC-to-IC frequency deviation*1
δIC
CL = 6.0 pF
−20
−
+20
ppm
CL = 9.0 pF
−25
−
+25
ppm
*1. Reference value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com