Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM008-A-R-SD-1.0 Datasheet(PDF) 12 Page - ABLIC Inc.

Part # FM008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FM008-A-R-SD-1.0 Datasheet(HTML) 12 Page - ABLIC Inc.

Back Button FM008-A-R-SD-1.0 Datasheet HTML 8Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 9Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 10Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 11Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 12Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 13Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 14Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 15Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 16Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC
S-35710 Series
Rev.1.1_00
12
1. 2 Read mode
If write operation is not performed to the wake-up time register after the timer starts the operation, the interrupt signal
is not output from the INT pin. The timer stops at "FFFFFF h". The timer value during timing can be confirmed by
reading the time register. This operation is called "read mode".
In order for the timer to operate again, set the RST
_______
pin from "L" to "H" or perform write operation to the wake-up
time register.
RST
Timer
Wake-up time
register
INT
"0 h""0 h"
"1 h"
"2 h"
"FFFFFE h" "FFFFFF h"
"1 h"
"2 h"
"0 h" "1 h"
"FFFFFE h" "FFFFFF h"
"000000 h"
Timer and wake-up time register
are reset
Timer reset
Timer reset
Count-up action starts
Count-up action starts
Count-up action starts
Count-up action
stops
Count-up action
stops
No INT pin interrupt signal output when not writting to
wake-up time register
Figure 14 When Write Operation is not Performed to the Wake-up Time Register (S-35710C01I / Nch Open-drain Output)
RST
Timer
Wake-up time
register
INT
"0 h""0 h"
"1 h"
"2 h"
"FFFFFE h" "FFFFFF h"
"1 h"
"2 h"
"0 h" "1 h"
"FFFFFE h" "FFFFFF h"
"000000 h"
Timer and wake-up time register
are reset
Timer reset
Timer reset
Count-up action starts
Count-up action starts
Count-up action starts
Count-up action
stops
Count-up action
stops
No INT pin interrupt signal output when not writting to
wake-up time register
Figure 15 When Write Operation is not Performed to the Wake-up Time Register (S-35710B01I / CMOS Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com