Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM008-A-R-SD-1.0 Datasheet(PDF) 11 Page - ABLIC Inc.

Part # FM008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FM008-A-R-SD-1.0 Datasheet(HTML) 11 Page - ABLIC Inc.

Back Button FM008-A-R-SD-1.0 Datasheet HTML 7Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 8Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 9Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 10Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 11Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 12Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 13Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 14Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 15Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35710 Series
11
INT Pin Interrupt Signal Output
1. Handshake time-out
Handshake time-out is a type to output "L" level interrupt signal from the INT pin.
After the RST
_______
pin changes from "L" to "H", the timer starts the operation. Then, the INT pin outputs "L" level when
the timer value matches the value written to the wake-up time register. When the INT pin outputs "L" level, the timer
stops and maintains the timer value.
The timer is reset by inputting "L" to the RST
_______
pin. After that, if "H" is input to the RST
_______
pin, the INT pin is set to "H"
and the timer restarts the count-up action.
Remark The above description is the example of S-35710C01I (Nch open-drain output).
In S-35710B01I (CMOS output), the INT pin output is the inverse logic of S-35710C01I.
1. 1 Write mode
If write operation is performed to the wake-up time register during the count-up action, the action will be restarted
after resetting the timer. This operation is called "write mode".
Before the timer value matches the value written to the wake-up time register, if "L" is input to the RST
_______
pin, the
timer is reset.
RST
INT
2 s
1 s
"0 h"
"0 h"
"1 h"
"2 h"
"1 h""2 h"
"0 h"
"1 h""0 h"
"000000 h "
"000001 h "
"000002 h "
"000000 h "
Timer
Wake-up time
register
Timer is reset
and count-up action
restarts
Count-up action
stops
Count-up action
stops
Timer and wake-up time register
are reset
Timer and wake-up time register
are reset
Count-up action
starts
Count-up action
starts
Timer is reset
and count-up
action restarts
Figure 12 Output Timing of Handshake Time-out (S-35710C01I / Nch Open-drain Output)
RST
INT
2 s
1 s
"0 h"
"0 h"
"1 h"
"2 h"
"1 h""2 h"
"0 h"
"1 h""0 h"
"000000 h "
"000001 h "
"000002 h "
"000000 h "
Timer
Wake-up time
register
Timer and wake-up time register
are reset
Timer and wake-up time register
are reset
Count-up action
starts
Count-up action
starts
Timer is reset
and count-up action
restarts
Count-up action
stops
Count-up action
stops
Timer is reset
and count-up
action restarts
Figure 13 Output Timing of Handshake Time-out (S-35710B01I / CMOS Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com