Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM008-A-R-SD-1.0 Datasheet(PDF) 20 Page - ABLIC Inc.

Part # FM008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FM008-A-R-SD-1.0 Datasheet(HTML) 20 Page - ABLIC Inc.

Back Button FM008-A-R-SD-1.0 Datasheet HTML 16Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 17Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 18Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 19Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 20Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 21Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 22Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 23Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 24Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC
S-35710 Series
Rev.1.1_00
20
Release of SDA
The RST
_______
pin of the S-35710 Series does not perform the reset operation of the communication interface. Therefore,
the stop condition is input to reset the internal interface circuit usually.
However, the S-35710 Series does not accept the stop condition from the master device when in the status that SDA
outputs "L" (at the time of acknowledge outputting or reading). Consequently, it is necessary to finish the acknowledge
output or read operation. Figure 26 shows the SDA release method.
First, input the start condition from the master device (since SDA of the S-35710 Series outputs "L", the S-35710 Series
can not detect the start condition). Next, input the clocks for 1-byte data access (9 clocks) from SCL. During the time,
release SDA of the master device. By this, the SDA input / output before communication interrupt is completed, and
SDA of the S-35710 Series becomes release status. Continuously, if the stop condition is input, the internal circuit
resets and the communication returns to normal status.
It is strongly recommended that the SDA release method is performed at the time of system initialization after the power
supply voltage of the master device is raised.
1
2
8
9
SCL
SDA
(S-35710 output)
"L" or High-Z
"L"
High-Z
"L" or High-Z
Start condition
Clocks for 1-byte data access
Stop condition
SDA
(Master device output)
"L"
SDA
Figure 26 SDA Release Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com