Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM008-A-R-SD-1.0 Datasheet(PDF) 9 Page - ABLIC Inc.

Part # FM008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FM008-A-R-SD-1.0 Datasheet(HTML) 9 Page - ABLIC Inc.

Back Button FM008-A-R-SD-1.0 Datasheet HTML 5Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 6Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 7Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 8Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 9Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 10Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 11Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 12Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 13Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35710 Series
9
AC Electrical Characteristics
Table 8 Measurement Conditions
0.8
× VDD
Input pulse voltage
Output reference voltage
0.2
× VDD
0.7
× VDD
0.3
× VDD
Figure 9 Input / Output Waveform during AC Measurement
Input pulse voltage
VIH = 0.8
× VDD,
VIL = 0.2
× VDD
Input pulse rise / fall time
20 ns
Output reference voltage
VOH = 0.7
× VDD,
VOL = 0.3
× VDD
Output load
100 pF
Table 9 AC Electrical Characteristics
(Ta =
−40°C to +85°C)
Item
Symbol
VDD = 1.8 V to 2.5 V
VDD = 2.5 V to 5.5 V
Unit
Min.
Max.
Min.
Max.
SCL clock frequency
fSCL
0
400
0
1000
kHz
SCL clock "L" time
tLOW
1.3
−
0.4
−
μs
SCL clock "H" time
tHIGH
0.6
−
0.3
−
μs
SDA output delay time*1
tAA
−
0.9
−
0.5
μs
Start condition set-up time
tSU.STA
0.6
−
0.25
−
μs
Start condition hold time
tHD.STA
0.6
−
0.25
−
μs
Data input set-up time
tSU.DAT
100
−
80
−
ns
Data input hold time
tHD.DAT
0
−
0
−
ns
Stop condition set-up time
tSU.STO
0.6
−
0.25
−
μs
SCL, SDA rise time
tR
−
0.3
−
0.3
μs
SCL, SDA fall time
tF
−
0.3
−
0.3
μs
Bus release time
tBUF
1.3
−
0.5
−
μs
Noise suppression time
tl
−
50
−
50
ns
*1. Since the output form of the SDA pin is Nch open-drain output, the SDA output delay time is determined by the values of
the load resistance and load capacitance outside the IC. Figure 11 shows the relationship between the output load
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com