Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM008-A-R-SD-1.0 Datasheet(PDF) 19 Page - ABLIC Inc.

Part # FM008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FM008-A-R-SD-1.0 Datasheet(HTML) 19 Page - ABLIC Inc.

Back Button FM008-A-R-SD-1.0 Datasheet HTML 15Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 16Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 17Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 18Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 19Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 20Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 21Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 22Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 23Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35710 Series
19
7. Read operation of wake-up time register
Perform the read operation of the wake-up time register with the restart format. Regarding the restart format, refer to
"4. Data transmission format".
When performing the read operation of the wake-up time register, set the RST
_______
pin to "H". If the RST
_______
pin is set to "L",
the time register data is read.
Transmit the start condition and the slave address from the master device. The slave address of the S-35710 Series is
specified to "0110010". Next, transmit "0" to the read / write bit.
B7 in the 2nd byte is an address pointer. Set B7 to "0" when reading the wake-up time register. Next, transmit the
dummy data to B6 to B1. Make sure to set B0 to "1" since it is a test bit. This processing is called "dummy write".
Then transmit the start condition, the slave address and the read / write bit. The data of the wake-up time register can
be read when the read / write bit is set to "1".
Consequently, the data of the wake-up time register is output from the S-35710 Series. Each byte from B7 is
transmitted.
When the read operation of the wake-up time register is finished, transmit "1" (NO_ACK) to the acknowledge after B0
output from the master device, and then transmit the stop condition.
The wake-up time register is a 3-byte register. "1" is read if the read operation is performed continuously after reading
3 bytes of the wake-up time register.
Regarding the wake-up time register, refer to " Configuration of Registers".
Moreover, the internal address pointer is reset if recognizing the stop condition. Therefore, do not transmit the stop
condition after dummy write operation. The time register is read if performing the read operation of the register after
transmitting the stop condition.
19
18
1
9
18
27
36
SCL
1
0
1
0
0
1
1
0
B1
B7
B0
B7
B0
B7
B0
B7
SDA
Wake-up time register (3-byte)
0
B0
B7
Dummy data
*1
Dummy write
Slave address
(0110010)
1
0
1
0
0
1
1
0
B1R/W
0
R/W
B7
Slave address
(0110010)
Make sure to set B0 to "1" since it is a test bit.
Input NO_ACK after
the 3rd byte transmission.
Set B7 as an address pointer.
*1. Set B6 to B1 to "0" or "1" since they are dummy data.
: S-35710 output data
: Master device input data
Figure 25 Read Timing of Wake-up Time Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com