Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM008-A-R-SD-1.0 Datasheet(PDF) 22 Page - ABLIC Inc.

Part # FM008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FM008-A-R-SD-1.0 Datasheet(HTML) 22 Page - ABLIC Inc.

Back Button FM008-A-R-SD-1.0 Datasheet HTML 18Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 19Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 20Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 21Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 22Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 23Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 24Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 25Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 26Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC
S-35710 Series
Rev.1.1_00
22
2. When power supply voltage is raised at RST
_______
pin = "H"
Set the RST
_______
pin to "L" after the power supply voltage reaches 1.8 V or higher. If the RST
_______
pin is set to "L" for 500 ms
or longer, the oscillation start signal becomes "H", and the crystal oscillation circuit normally oscillates. After that, if the
RST
_______
pin is set to "H", the oscillation start signal becomes "L" within 500 ms, and the oscillation status is maintained.
The current consumption increases as mentioned below while the RST
_______
pin is set to "L".
• S-35710C01I (without pull-up resistor):
1.7
μA typ.
• S-35710B01I (with pull-up resistor):
30
μA typ.
10 ms
0V*1
1.8 V
0.2 V or lower
RST pin input
Oscillation start signal
(Operation power supply voltage min.)
*1. 0 V means that there is no potential difference between the VDD pin and the VSS pin of the S-35710 Series.
Figure 29 When Power Supply Voltage is Raised at RST
_______
Pin = "H"
The RST
_______
pin has a built-in chattering elimination circuit. To determine the RST
_______
pin "H" input, perform communication
subsequent to setting the interval of 3.5 periods (0.438 seconds) of clock (8 Hz) or longer after the RST
_______
pin changes
from "L" to "H".
Regarding the chattering elimination of the RST
_______
pin, refer to " RST
_______
Pin".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com