Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM008-A-R-SD-1.0 Datasheet(PDF) 25 Page - ABLIC Inc.

Part # FM008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FM008-A-R-SD-1.0 Datasheet(HTML) 25 Page - ABLIC Inc.

Back Button FM008-A-R-SD-1.0 Datasheet HTML 21Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 22Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 23Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 24Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 25Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 26Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 27Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 28Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 29Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35710 Series
25
Configuration of Crystal Oscillation Circuit
Since the S-35710 Series has built-in capacitors (Cg and Cd), adjustment of oscillation frequency is unnecessary.
However, the crystal oscillation circuit is sensitive to external noise and parasitic capacitance (CP), these effects may
become a factor to worsen the clock accuracy. Therefore, the following steps are recommended for optimizing the
configuration of crystal oscillation circuit.
• Locate the bypass capacitor adjacent to the power supply pin of the S-35710 Series.
• Place the S-35710 Series and the quartz crystal as close to each other as possible, and shorten the wiring.
• Increase the insulation resistance between pins and the board wiring patterns of XIN and XOUT.
• Do not place any signal or power lines close to the crystal oscillation circuit.
• Locate the GND layer immediately below the crystal oscillation circuit.
(In the case of a multi-layer board, only the layer farthest from the crystal oscillation circuit should be located as the
GND layer. Do not locate a circuit pattern on the intermediate layers.)
XIN
XOUT
S-35710
Cd
Quartz crystal: 32.768 kHz
CL = 6.0 pF, 9.0 pF
Rf = 100 M
Ω (typ.)
Rd = 100 k
Ω (typ.)
Rf
Rd
Parasitic
capacitance (CP)
Cg
Figure 33 Configuration of Crystal Oscillation Circuit
VSS
S-35710
Top view
XIN
XOUT
Shield the perimeter with GND
Quartz crystal
Locate the GND layer in the
layer immediately below
(In the case of a multi-layer board, only
the layer farthest from the oscillation circuit
should be located as the GND layer.
Do not locate a circuit pattern on the
intermediate layers.)
Figure 34 Example of Recommended Connection Pattern Diagram
Caution
Oscillation characteristics are subject to the variation of each component such as board parasitic
capacitance, parasitic resistance, quartz crystal and external capacitor. When configuring crystal
oscillation circuit, pay sufficient attention for them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com