Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM008-A-R-SD-1.0 Datasheet(PDF) 1 Page - ABLIC Inc.

Part # FM008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FM008-A-R-SD-1.0 Datasheet(HTML) 1 Page - ABLIC Inc.

  FM008-A-R-SD-1.0 Datasheet HTML 1Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 2Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 3Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 4Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 5Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 6Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 7Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 8Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
S-35710 Series
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC
www.ablic.com
© ABLIC Inc., 2019-2020
Rev.1.1_00
1
The wake-up timer IC allows for intermittent system operation by periodically waking up the system.
The S-35710 Series compares the timer value and the value written to the internal register, and outputs a wake-up signal
(interrupt signal) when the values match each other.
The timer of the S-35710 Series is a 24-bit binary-up counter.
The internal register data can be set freely by users via a 2-wire serial interface. Consequently, the time before the occurrence
of a wake-up signal (interrupt signal) can be set freely.
Features
• Wake-up function (Alarm interrupt function): Settable on the second time scale from 1 second to 194 days
(Approximately half a year)
• Low current consumption:
0.2
μA typ. (Quartz crystal: CL = 6.0 pF, VDD = 3.0 V, Ta = +25°C)
• Wide range of operation voltage:
1.8 V to 5.5 V
• 2-wire (I2C-bus) CPU interface
• Built-in 32.768 kHz crystal oscillation circuit
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
Applications
• IoT communications device
• Monitoring device
• Security device
• Battery system
• Energy harvesting system
Package
• TMSOP-8


Similar Part No. - FM008-A-R-SD-1.0

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
FM008-A-R-SD ABLIC-FM008-A-R-SD Datasheet
415Kb / 20P
PIN-SELECTABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - FM008-A-R-SD-1.0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
Toshiba Semiconductor
TA8008F TOSHIBA-TA8008F Datasheet
344Kb / 9P
VOLTAGE REGULATOR WITH WAKE UP TIMER
logo
ATMEL Corporation
ATA5283 ATMEL-ATA5283 Datasheet
233Kb / 14P
Interface IC for 125 kHz Wake-up Function
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
PROGRAMMABLE TIMER CMOS IC
logo
ATMEL Corporation
ATA5283 ATMEL-ATA5283_07 Datasheet
271Kb / 14P
Interface IC for 125 kHz Wake-up Function
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Linear Technology
LTC2956 LINER-LTC2956_15 Datasheet
315Kb / 26P
Wake-Up Timer with Pushbutton Control
LTC2956 LINER-LTC2956 Datasheet
274Kb / 10P
Wake-Up Timer with Pushbutton Control
logo
ABLIC Inc.
S-35710M ABLIC-S-35710M Datasheet
655Kb / 29P
PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
Rev.1.1_00
S-35720 ABLIC-S-35720 Datasheet
415Kb / 20P
PIN-SELECTABLE WAKE-UP TIMER IC
Rev.1.1_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com