Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND01G-B2C Datasheet(PDF) 31 Page - Numonyx B.V

Part # NAND01G-B2C
Description  1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01G-B2C Datasheet(HTML) 31 Page - Numonyx B.V

Back Button NAND01G-B2C Datasheet HTML 27Page - Numonyx B.V NAND01G-B2C Datasheet HTML 28Page - Numonyx B.V NAND01G-B2C Datasheet HTML 29Page - Numonyx B.V NAND01G-B2C Datasheet HTML 30Page - Numonyx B.V NAND01G-B2C Datasheet HTML 31Page - Numonyx B.V NAND01G-B2C Datasheet HTML 32Page - Numonyx B.V NAND01G-B2C Datasheet HTML 33Page - Numonyx B.V NAND01G-B2C Datasheet HTML 34Page - Numonyx B.V NAND01G-B2C Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
NAND01G-B2C
Device operations
31/67
6.6
Reset
The Reset command is used to reset the command interface and status register. If the
Reset command is issued during any operation, the operation will be aborted. If it was a
program or erase operation that was aborted, the contents of the memory locations being
modified will no longer be valid as the data will be partially programmed or erased.
If the device has already been reset then the new Reset command will not be accepted.
The Ready/Busy signal goes Low for tBLBH4 after the Reset command is issued. The value
of tBLBH4 depends on the operation that the device was performing when the command was
issued, refer to Table 25: AC characteristics for operations for the values.
6.7
Read status register
The device contains a status register which provides information on the current or previous
program or erase operation. The various bits in the status register convey information and
errors on the operation.
The status register is read by issuing the Read Status Register command. The status
register information is present on the output data bus (I/O0-I/O7) on the falling edge of Chip
Enable or Read Enable, whichever occurs last. When several memories are connected in a
system, the use of Chip Enable and Read Enable signals allows the system to poll each
device separately, even when the Ready/Busy pins are common-wired. It is not necessary to
toggle the Chip Enable or Read Enable signals to update the contents of the status register.
After the Read Status Register command has been issued, the device remains in read
status register mode until another command is issued. Therefore if a Read Status Register
command is issued during a random read cycle a new Read command must be issued to
continue with a page read operation.
The Status Register bits are summarized in Table 11: Status register bits,. Refer to Table 11
in conjunction with the following text descriptions.
6.7.1
Write protection bit (SR7)
The write protection bit can be used to identify if the device is protected or not. If the write
protection bit is set to ‘1’ the device is not protected and program or erase operations are
allowed. If the write protection bit is set to ‘0’ the device is protected and program or erase
operations are not allowed.
6.7.2
P/E/R controller and cache ready/busy bit (SR6)
Status register bit SR6 has two different functions depending on the current operation.
During cache read operations SR6 indicates whether the next selected page can be read
from the page register (SR6 is set to '1') or not (SR6 is set to '0').
During all other operations SR6 acts as a P/E/R controller bit, which indicates whether the
P/E/R controller is active or inactive. When the P/E/R controller bit is set to ‘0’, the P/E/R
controller is active (device is busy); when the bit is set to ‘1’, the P/E/R controller is inactive
(device is ready).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com