Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND01G-B2C Datasheet(PDF) 52 Page - Numonyx B.V

Part # NAND01G-B2C
Description  1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01G-B2C Datasheet(HTML) 52 Page - Numonyx B.V

Back Button NAND01G-B2C Datasheet HTML 48Page - Numonyx B.V NAND01G-B2C Datasheet HTML 49Page - Numonyx B.V NAND01G-B2C Datasheet HTML 50Page - Numonyx B.V NAND01G-B2C Datasheet HTML 51Page - Numonyx B.V NAND01G-B2C Datasheet HTML 52Page - Numonyx B.V NAND01G-B2C Datasheet HTML 53Page - Numonyx B.V NAND01G-B2C Datasheet HTML 54Page - Numonyx B.V NAND01G-B2C Datasheet HTML 55Page - Numonyx B.V NAND01G-B2C Datasheet HTML 56Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
DC and AC parameters
NAND01G-B2C
52/67
Figure 21.
Command Latch AC waveforms
1.
The time to ready depends on the value of the pull-up resistor tied to the ready/busy pin. See Figure 34, Figure 35 and
Figure 36.
2.
tWHWH is the time from W rising edge during the final address cycle to W rising edge during the first data cycle.
3.
During a program/erase enable operation, tWW is the delay from WP high to W High.
During a program/erase disable Operation, tWW is the delay from WP Low to W High.
4.
tRLQX is valid when frequency is higher than 33 MHz, tRHQX is valid for frequency lower than 33 MHz.
5.
ES = electronic signature.
ai13105
CL
E
W
AL
I/O
tCLHWH
tELWH
tWHCLL
tWHEH
tWLWH
tALLWH
tWHALH
Command
tDVWH
tWHDX
(CL Setup time)
(CL Hold time)
(Data Setup time)
(Data Hold time)
(ALSetup time)
(AL Hold time)
H(E Setup time)
(E Hold time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com