Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND01G-B2C Datasheet(PDF) 34 Page - Numonyx B.V

Part # NAND01G-B2C
Description  1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01G-B2C Datasheet(HTML) 34 Page - Numonyx B.V

Back Button NAND01G-B2C Datasheet HTML 30Page - Numonyx B.V NAND01G-B2C Datasheet HTML 31Page - Numonyx B.V NAND01G-B2C Datasheet HTML 32Page - Numonyx B.V NAND01G-B2C Datasheet HTML 33Page - Numonyx B.V NAND01G-B2C Datasheet HTML 34Page - Numonyx B.V NAND01G-B2C Datasheet HTML 35Page - Numonyx B.V NAND01G-B2C Datasheet HTML 36Page - Numonyx B.V NAND01G-B2C Datasheet HTML 37Page - Numonyx B.V NAND01G-B2C Datasheet HTML 38Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
Device operations
NAND01G-B2C
34/67
6.9
Read ONFI signature
To recognize NAND flash devices that are compatible with ONFI 1.0 command set, the
Read Electronic Signature command can be issued, followed by an address of 20h. The
next four-byte output is the ONFI signature, which is the ASCII encoding of the ‘ONFI’ word.
Reading beyond four bytes produces indeterminate values. The device remains in this state
until a new command is issued.
Figure 16 describes the read ONFI signature waveforms and Table 15 defines the output
bytes.
Table 14.
Electronic signature byte/word 4
I/O
Definition
Value
Description
I/O1-I/O0
Page size
(without spare area)
0 0
0 1
1 0
1 1
1Kbyte
2Kbytes
Reserved
Reserved
I/O2
Spare area size
(byte / 512-byte)
0
1
8
16
I/O3
Minimum sequential
access time
0
1
50 ns
30 ns
I/O5-I/O4
Block size
(without spare area)
0 0
0 1
1 0
1 1
64 Kbytes
128 Kbytes
256 Kbytes
Reserved
I/O6
Organization
0
1
x8
x16
I/O7
Not used
Reserved
Table 15.
Read ONFI signature
Byte
Value
ASCII character
1st byte
4Fh
O
2nd byte
4Eh
N
3rd byte
46h
F
4th byte
49h
I
5th byte
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com