Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND01G-B2C Datasheet(PDF) 38 Page - Numonyx B.V

Part # NAND01G-B2C
Description  1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01G-B2C Datasheet(HTML) 38 Page - Numonyx B.V

Back Button NAND01G-B2C Datasheet HTML 34Page - Numonyx B.V NAND01G-B2C Datasheet HTML 35Page - Numonyx B.V NAND01G-B2C Datasheet HTML 36Page - Numonyx B.V NAND01G-B2C Datasheet HTML 37Page - Numonyx B.V NAND01G-B2C Datasheet HTML 38Page - Numonyx B.V NAND01G-B2C Datasheet HTML 39Page - Numonyx B.V NAND01G-B2C Datasheet HTML 40Page - Numonyx B.V NAND01G-B2C Datasheet HTML 41Page - Numonyx B.V NAND01G-B2C Datasheet HTML 42Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
Device operations
NAND01G-B2C
38/67
80-83
M
Number of data bytes per page
84-85
M
Number of spare bytes per page
86-89
M
Number of data bytes per partial page
90-91
M
Number of spare bytes per partial page
92-95
M
Number of pages per block
96-99
M
Number of blocks per logical unit (LUN)
100
M
Number of logical units (LUNs)
101
M
Number of address cycles
Bit 4 to bit 7
Column address cycles
Bit 0 to bit 3
Row address cycles
102
M
Number of bits per cell
103-104
M
Bad blocks maximum per LUN
105-106
M
Block endurance
107
M
Guaranteed valid blocks at beginning of
target
108-109
M
Block endurance for guaranteed valid
blocks
110
M
Number of programs per page
111
M
Partial programming attributes
Bit 5 to bit 7
Reserved
4
1 = partial page layout is partial page
data followed by partial page spare
Bit 1 to bit 3
Reserved
0
1 = partial page programming has
constraints
112
M
Number of bits ECC correctability
113
M
Number of interleaved address bits
Bit 4 to bit 7
Reserved (0)
Bit 0 to bit 3
Number of interleaved address bits
114
O
Interleaved operation attributes
Bit 4 to bit 7
Reserved (0)
Bit 3
Address restrictions for program cache
Bit 2
1 = program cache supported
Bit 1
1 = no block address restrictions
Bit 0
Overlapped / concurrent interleaving
support
115-127
Reserved (0)
Table 16.
Parameter page data structure (continued)
Byte
O/M(1)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com