Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALED6000 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 37Page - STMicroelectronics ALED6000 Datasheet HTML 38Page - STMicroelectronics ALED6000 Datasheet HTML 39Page - STMicroelectronics ALED6000 Datasheet HTML 40Page - STMicroelectronics ALED6000 Datasheet HTML 41Page - STMicroelectronics ALED6000 Datasheet HTML 42Page - STMicroelectronics ALED6000 Datasheet HTML 43Page - STMicroelectronics ALED6000 Datasheet HTML 44Page - STMicroelectronics ALED6000 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
List of figures
Figure 1.
Application schematic ............................................................... 2
Figure 2.
Block diagram .................................................................... 3
Figure 3.
Pin connection (top view) ............................................................. 4
Figure 4.
Oscillator and synchronization ......................................................... 9
Figure 5.
Switching frequency programmability.................................................... 10
Figure 6.
Feed-forward .................................................................... 11
Figure 7.
Soft-start ....................................................................... 12
Figure 8.
Dimming operation ................................................................ 13
Figure 9.
Dimming operation (rising edge) – VIN=44 V, 12 LED ........................................ 13
Figure 10.
Dimming operation (falling edge) – VIN=44 V, 12 LED ........................................ 14
Figure 11.
Dimming operation – short DIM pulse ................................................... 14
Figure 12.
ISKIP typical current and RILIM value ................................................... 16
Figure 13.
OCP and frequency scaling .......................................................... 17
Figure 14.
Current limit and programming resistor .................................................. 18
Figure 15.
LED small signal model ............................................................. 20
Figure 16.
Switching regulator control loop simplified model............................................ 21
Figure 17.
Type II compensation network ........................................................ 22
Figure 18.
Type II compensation - Bode plot ...................................................... 23
Figure 19.
ALED6000 demonstration board schematic ............................................... 25
Figure 20.
ALED6000 demonstration board layout (top side) ........................................... 26
Figure 21.
ALED6000 demonstration board layout (bottom side) ........................................ 27
Figure 22.
Inverting buck-boost topology ......................................................... 28
Figure 23.
Inverting buck-boost schematic........................................................ 29
Figure 24.
Inverting buck-boost PCB layout (component side) .......................................... 30
Figure 25.
Inverting buck-boost PCB layout (bottom side) ............................................. 30
Figure 26.
Positive buck-boost topology ......................................................... 31
Figure 27.
Positive buck-boost schematic ........................................................ 31
Figure 28.
Positive buck-boost PCB layout (component side)........................................... 32
Figure 29.
Positive buck-boost PCB layout (bottom side).............................................. 32
Figure 30.
Floating-boost topology ............................................................. 33
Figure 31.
Floating-boost reference schematic ..................................................... 34
Figure 32.
Floating-boost PCB layout (component side) .............................................. 35
Figure 33.
Floating-boost PCB layout (bottom side) ................................................. 35
Figure 34.
Type I compensation network ......................................................... 36
Figure 35.
HTSSOP16 package outline.......................................................... 38
Figure 36.
HTSSOP16 recommended footprint .................................................... 39
ALED6000
List of figures
DS13018 - Rev 4
page 44/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com