Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALED6000 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 29Page - STMicroelectronics ALED6000 Datasheet HTML 30Page - STMicroelectronics ALED6000 Datasheet HTML 31Page - STMicroelectronics ALED6000 Datasheet HTML 32Page - STMicroelectronics ALED6000 Datasheet HTML 33Page - STMicroelectronics ALED6000 Datasheet HTML 34Page - STMicroelectronics ALED6000 Datasheet HTML 35Page - STMicroelectronics ALED6000 Datasheet HTML 36Page - STMicroelectronics ALED6000 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
8.3
Floating boost
The floating-boost topology fits the application with an input voltage range always lower than the output voltage,
VOUT, which is the voltage drop across the LEDs and the sensing resistor.
The floating boost (see Figure 30. Floating-boost topology ) requires the same components count as the buck
conversion.
Figure 30. Floating-boost topology
ALED6000
VIN
In this topology the output voltage is referred to VIN and not to GND. The device is supplied by VOUT as a
consequence the maximum allowed voltage drop across the LEDs string is 61 V.
In floating-boost topology working in continuous conduction mode (CCM), the HS MOS on-time interval, D, is
given by:
D=VOUT−VIN
VOUT
(35)
However, due conduction losses, the real duty cycle is always higher than the ideal one. The real value should be
used in the following formulas.
The peak current flowing in the embedded switch is:
ISW=IOUT1−D+IRIPPLE2=IOUT1−D+ VIN⋅D
2⋅L⋅fSW
(36)
While its average current level is equal to:
ISW=IOUT1−D
(37)
This is due to the fact that the current flowing through the internal power switch is delivered to the output only
during the OFF phase.
The switch peak current must be lower than the minimum current limit of the overcurrent protection and the
average current must be lower than the rated DC current of the device.
In addition to these constraints, the thermal considerations summarized in Section 6.4 Thermal considerations
must also be evaluated.
ALED6000
Floating boost
DS13018 - Rev 4
page 33/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com