Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALED6000 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 32Page - STMicroelectronics ALED6000 Datasheet HTML 33Page - STMicroelectronics ALED6000 Datasheet HTML 34Page - STMicroelectronics ALED6000 Datasheet HTML 35Page - STMicroelectronics ALED6000 Datasheet HTML 36Page - STMicroelectronics ALED6000 Datasheet HTML 37Page - STMicroelectronics ALED6000 Datasheet HTML 38Page - STMicroelectronics ALED6000 Datasheet HTML 39Page - STMicroelectronics ALED6000 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Table 8. Transfer function singularities
ωZ
ωRHPZ
ωLC
Buck boost
1C0⋅N⋅Rd
1−D2⋅V0
L⋅D⋅ILED
1−DL⋅C0
Floating boost
1C0⋅N⋅Rd
1−D2⋅V0
L⋅ILED
1−DL⋅C0
Table 9. Transfer function parameters
Q
G0
D
Buck boost
C0L⋅1−D⋅N⋅Rd
V0
D⋅ 1−D ⋅ RSNS
RSNS+N⋅Rd
V0V0+VIN
Floating boost
C0L⋅1−D⋅N⋅Rd
V01−D⋅ RSNS
RSNS+N⋅Rd
1−VINV0
This simplified model is based on the assumption that the output capacitor ESR is negligible compared to LED
dynamic resistance, Rd, and LED current sensing resistor, RSNS. Further, RSNS is assumed negligible compared
to the total LED dynamic resistance, N*Rd.
The closed loop transfer function is still given by Eq. (18), assuming for the power section the model summarized
in Eq. (39) .
The singularity ωRHPZ, computed at maximum load and minimum input voltage, is the limitation in the loop
bandwidth design (fBW). Typically the maximum bandwidth is designed to be lower than:
fBW=14⋅ωRHPZ2π
(40)
In case ωZ and ωLC are lower than the target bandwidth, a type II compensation network is necessary for loop
stabilization, following the compensation strategy described in Section 6.3 Compensation strategy.
Otherwise, in case a very low bandwidth design is suitable, a simple type I compensation network is required.
This approach is feasible if the target bandwidth is ¼ of fLC or lower.
Figure 34. Type I compensation network
EA
COMP
V REF
FB
V SNS
RSNS
RU
CF
ZF
ALED6000
Compensation strategy for alternative topologies
DS13018 - Rev 4
page 36/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com