Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALED6000 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 21Page - STMicroelectronics ALED6000 Datasheet HTML 22Page - STMicroelectronics ALED6000 Datasheet HTML 23Page - STMicroelectronics ALED6000 Datasheet HTML 24Page - STMicroelectronics ALED6000 Datasheet HTML 25Page - STMicroelectronics ALED6000 Datasheet HTML 26Page - STMicroelectronics ALED6000 Datasheet HTML 27Page - STMicroelectronics ALED6000 Datasheet HTML 28Page - STMicroelectronics ALED6000 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
7
Demonstration board
In this section the ALED6000 demonstration board is described.
The default settings are:
•
Input voltage up to 60 V
•
Programmed LED current 1 A (HB LEDs)
•
FSW = 500 kHz
•
VBIAS = GND
Figure 19. ALED6000 demonstration board schematic
R9
VBIAS
C7
SYNCH
R2
GND
R4
D2
C11
L1
R12
R6
DIM
L2
U1
ALED6000
DIM
12
VIN_2
3
SS
6
SYNCH
7
FSW
1
0
ILIM
1
1
COMP
8
EN
5
FB
9
GND
16
VCC
4
LX_1
1
3
LX_2
1
4
VIN_1
2
VBIAS
1
BOOT
1
5
TP
17
C8
R5
C9
D1
C15
R10
R1
R13
C5
R3
EN
R11
C13
+
C14
C6
R7
R8
VIN
GND
VLED+
VLED-
Table 7. ALED6000 demonstration board component list
Ref.
Part
Package
Note
Manufacturer P/N
C2
4.7 uF
1210
X7S/100V/10%
TDK C3225X7S2A475K200AA
Alt. CGA6M3X7S2A475K200AB
C3, C4
1 uF
0805
X7S/100V/10%
TDK C2012X7S2A105KAB
Alt. CGA4J3X7S2A105K125AB
C5
1 uF
1206
X7R/100V/10%
TDK C3225X7R2A105K
Alt. CGA6M2X7R2A105K200AA
C7
100 nF
0603
X7R/16V/10%
C9
5.6 nF
0603
X7R/25V/10%
C10
10 nF
0603
X7R/16V/10%
C11
330 pF
0603
NP0/50V/5%
C14
33 uF
8 mm, radial
63 V/Elect./1.7 Arms
PANASONIC EEHZA1J330P
C1, C6, C8,
C13, C15
N.M.
R1, R10
100 k
0603
1% tolerance
R2, R4,R12
0
0603
ALED6000
Demonstration board
DS13018 - Rev 4
page 25/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com